Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP275 Datasheet (PDF) - Analog Devices

OP275 Datasheet PDF - Analog Devices
Part # OP275
Download  OP275 Download
File Size   189.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bipolar/JFET, Audio Operational Amplifier

OP275 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP275 Datasheet PDF - Analog Devices

Part # OP275
Download  OP275 Click to download

File Size   189.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bipolar/JFET, Audio Operational Amplifier

OP275 Datasheet (HTML) - Analog Devices


OP275 Product details

GENERAL DESCRIPTION
The OP275 is the frst amplifer to feature the Butler Amplifer front end. This new front end design combines both bipolar and JFET transistors to attain amplifers with the accuracy and low noise performance of bipolar transistors, and the speed and sound quality of JFETs. Total Harmonic Distortion plus Noise equals that of previous audio amplifers, but at much lower supply currents.
A very low l/f corner of below 6 Hz maintains a flat noise density response. Whether noise is measured at either 30 Hz or 1 kHz, it is only 6 nVHz. The JFET portion of the input stage gives the OP275 its high slew rates to keep distortion low, even when large output swings are required, and the 22 V/µs slew rate of the OP275 is the fastest of any standard audio amplifer. Best of all, this low noise and high speed are accomplished using less than 5 mA of supply current, lower than any standard audio amplifer.
Improved dc performance is also provided with bias and offset currents greatly reduced over purely bipolar designs. Input offset voltage is guaranteed at 1 mV and is typically less than 200 µV. This allows the OP275 to be used in many dc-coupled or sum ming applications without the need for special selections or the added noise of additional offset adjustment circuitry.
The output is capable of driving 600 Ω loads to 10 V rms while maintaining low distortion. THD + Noise at 3 V rms is a low 0.0006%.
The OP275 is specifed over the extended industrial (–40°C to +85°C) temperature range. OP275s are available in both plas tic DIP and SOIC-8 packages. SOIC-8 packages are available in 2500-piece reels. Many audio amplifers are not offered in SOIC-8 surface-mount packages for a variety of reasons; however, the OP275 was designed so that it would offer full performance in surface-mount packaging.

FEATURES
   Excellent Sonic Characteristics
   Low Noise: 6 nV/Hz
   Low Distortion: 0.0006%
   High Slew Rate: 22 V/s
   Wide Bandwidth: 9 MHz
   Low Supply Current: 5 mA
   Low Offset Voltage: 1 mV
   Low Offset Current: 2 nA
   Unity Gain Stable
   SOIC-8 Package
   PDIP-8 Package
  
APPLICATIONS
   High Performance Audio
   Active Filters
   Fast Amplifers
   Integrators




Similar Part No. - OP275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP275 AD-OP275 Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275 Datasheet
289Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
Rev. C
OP275GP AD-OP275GP Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275GPZ AD-OP275GPZ Datasheet
289Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
More results


Similar Description - OP275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP176 AD-OP176 Datasheet
681Kb / 21P
Bipolar/JFET, Audio Operational Amplifier
REV.0
logo
Fairchild Semiconductor
KF353 FAIRCHILD-KF353 Datasheet
34Kb / 6P
Dual Operational Amplifier (JFET)
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
Analog Devices
OP275 AD-OP275_04 Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
Dual JFET Input Audio Operational Amplifier
logo
Analog Devices
OP176 AD-OP176_15 Datasheet
683Kb / 21P
Bipolar/JFET, Audio Operational Amplifier
REV. 0
OP275 AD-OP275_15 Datasheet
289Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
Texas Instruments
LME49880 TI1-LME49880 Datasheet
1Mb / 18P
E-Series Dual JFET Input Audio Operational Amplifier
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
logo
Fairchild Semiconductor
LM353 FAIRCHILD-LM353 Datasheet
52Kb / 3P
DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com