Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM4585 Datasheet (PDF) - New Japan Radio

NJM4585 Datasheet PDF - New Japan Radio
Part # NJM4585
Download  NJM4585 Download
File Size   847.18 Kbytes
Page   6 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Noise, Bipolar Input Dual, Audio Operational amplifier

NJM4585 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM4585 Datasheet PDF - New Japan Radio

Part # NJM4585
Download  NJM4585 Click to download

File Size   847.18 Kbytes
Page   6 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Noise, Bipolar Input Dual, Audio Operational amplifier

NJM4585 Datasheet (HTML) - New Japan Radio


NJM4585 Product details

■ DESCRIPTION
NJM4585 is a low noise bipolar input dual audio
operational amplifier featuring 3.5nV/√Hz at 1 kHz.
The NJM4585 features Low distortion, high slew rate,
wide bandwidth and high open-loop gain. In addition,
unity-gain stable allows voltage-follower operation.
These features make NJM4585 ideal for audio pre
amplifier, microphone amplifier, line amplifier and other
audio applications. NJM4585 operate over a wide
temperature range of -40°C to +125°C, making this IC
ideal for use in industrial measurement instruments.
The NJM4585 is available in the 8-pin DMP8 packages.

■ FEATURES
●Designed for High-Quality Sound
●Low Noise (f=1kHz) 3.5nV/ Hz
●Low Distortion 0.001%
●Slew Rate 6.8V/μs
●Gain Bandwidth Product (f=100kHz) 19MHz
●Open-Loop Voltage Gain 120dB
●Unity-Gain stable
●Bipolar Input
●Supply Voltage ±4V to ±18V
●Operating Temperature -40°C to +125°C
●Supply Current (All Amplifiers) 5mA typ.
●Package DMP8




Similar Part No. - NJM4585

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM4585 NISSHINBO-NJM4585 Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM4585M NISSHINBO-NJM4585M Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
More results


Similar Description - NJM4585

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP275 AD-OP275 Datasheet
189Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV.A
SSM2134 AD-SSM2134 Datasheet
294Kb / 6P
LOW NOISE AUDIO OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833 ONSEMI-LM833_05 Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
Analog Devices
OP275 AD-OP275_04 Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275_15 Datasheet
289Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
New Japan Radio
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
logo
ON Semiconductor
LM833 ONSEMI-LM833_11 Datasheet
142Kb / 8P
Low Noise, Audio Dual Operational Amplifier
September, 2011 ??Rev. 6
logo
New Japan Radio
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com