Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8068 Datasheet (PDF) - New Japan Radio

NJM8068 Datasheet PDF - New Japan Radio
Part # NJM8068
Download  NJM8068 Download
File Size   1062.98 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER

NJM8068 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM8068 Datasheet PDF - New Japan Radio

Part # NJM8068
Download  NJM8068 Click to download

File Size   1062.98 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER

NJM8068 Datasheet (HTML) - New Japan Radio


NJM8068 Product details

FEATURES
● Designed for High-Quality Sound
● Low Noise 3.5 nV/√Hz at 1kHz
● Low Distortion 0.001%
● Slew Rate 6.8V/μs
● Gain Bandwidth Product 19 MHz
● Open-Loop Voltage Gain 120dB
● Unity-Gain Stable .
● Bipolar Input
● Supply Voltage ±4V to ±18V
● Operating Temperature -40°C to 125°C
● Supply Current (All Amplifiers) 5 mA typ.
● Package SOP8
MSOP8 (TVSP8)*
* meet JEDEC MO-187-DA / thin type

DESCRIPTION
NJM8068 is a low noise bipolar input dual audio
operational amplifier has 3.5 nV/√Hz at 1kHz.
The NJM8068 features Low distortion, high slew rate, wide
bandwidth and high open-loop gain. In addition, unity-gain
stable allows voltage-follower operation. These features
make NJM8068 ideal for audio pre amplifier, microphone
amplifier, line amplifier and other audio applications.
NJM8068 operate over a wide temperature range of -40°C
to 125°C, making this IC ideal for use in industrial
measurement instruments
The NJM8068 is available in 8-pin SOP and MSOP
(TVSP) packages.




Similar Part No. - NJM8068

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8068 NJRC-NJM8068 Datasheet
932Kb / 19P
DUAL OPERATIONAL AMPLIFIER
Ver.10.1
logo
Nisshinbo Micro Devices...
NJM8068 NISSHINBO-NJM8068 Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
NJM8068G NISSHINBO-NJM8068G Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
NJM8068RB1 NISSHINBO-NJM8068RB1 Datasheet
1Mb / 14P
LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
More results


Similar Description - NJM8068

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP275 AD-OP275 Datasheet
189Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV.A
SSM2134 AD-SSM2134 Datasheet
294Kb / 6P
LOW NOISE AUDIO OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833 ONSEMI-LM833_05 Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
Analog Devices
OP275 AD-OP275_04 Datasheet
393Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
OP275 AD-OP275_15 Datasheet
289Kb / 12P
Dual Bipolar/JFET, Audio Operational Amplifier
REV. C
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
New Japan Radio
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
logo
ON Semiconductor
LM833 ONSEMI-LM833_11 Datasheet
142Kb / 8P
Low Noise, Audio Dual Operational Amplifier
September, 2011 ??Rev. 6
logo
New Japan Radio
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com