Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7128 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7128 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7128
Download  PE7128 Download
File Size   320.22 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T

PE7128 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7128 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7128
Download  PE7128 Click to download

File Size   320.22 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T

PE7128 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7120 PASTERNACK-PE7120 Datasheet
250Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 18 GHz SWITCH TYPE:SP3T
PE7121 PASTERNACK-PE7121 Datasheet
246Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 2 GHz TO 4GHz SWITCH TYPE:SP3T
PE7122 PASTERNACK-PE7122 Datasheet
248Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
PE7123 PASTERNACK-PE7123 Datasheet
249Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12 GHz SWITCH TYPE:SP3T
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
More results


Similar Description - PE7128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7108 PASTERNACK-PE7108 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz to 8GHz SWITHCH TYPE;SPST
PE7115 PASTERNACK-PE7115 Datasheet
242Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
PE7119 PASTERNACK-PE7119 Datasheet
246Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 2 GHz SWITCH TYPE:SP3T
PE7121 PASTERNACK-PE7121 Datasheet
246Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 2 GHz TO 4GHz SWITCH TYPE:SP3T
PE7122 PASTERNACK-PE7122 Datasheet
248Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7126 PASTERNACK-PE7126 Datasheet
132Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 2 GHz SWITCH TYPE :SP4T
PE7127 PASTERNACK-PE7127 Datasheet
156Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
PE7130 PASTERNACK-PE7130 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RAMGE:8 GHz to 12GHz SWITCH TYPE:SP4T
PE7131 PASTERNACK-PE7131 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SP4T
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com