Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7131 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE7131 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE7131
Download  PE7131 Download
File Size   321.3 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SP4T

PE7131 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE7131 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE7131
Download  PE7131 Click to download

File Size   321.3 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SP4T

PE7131 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE7131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7130 PASTERNACK-PE7130 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RAMGE:8 GHz to 12GHz SWITCH TYPE:SP4T
PE7130 PASTERNACK-PE7130_14 Datasheet
424Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch
PE7132 PASTERNACK-PE7132 Datasheet
282Kb / 3P
50 Ohm SMA Transfer PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 2 Watts
PE7133 PASTERNACK-PE7133 Datasheet
241Kb / 1P
SMA FEMALE, TRANSFER SWITCH FREQUENCY RANGE: 1GHz TO 2GHz
PE7134 PASTERNACK-PE7134 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE 1GHz to 18GHz
More results


Similar Description - PE7131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7110 PASTERNACK-PE7110 Datasheet
234Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
PE7116 PASTERNACK-PE7116 Datasheet
117Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
PE7117 PASTERNACK-PE7117 Datasheet
245Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SPDT
PE7120 PASTERNACK-PE7120 Datasheet
250Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 18 GHz SWITCH TYPE:SP3T
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7127 PASTERNACK-PE7127 Datasheet
156Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
PE7128 PASTERNACK-PE7128 Datasheet
320Kb / 1P
SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T
PE7130 PASTERNACK-PE7130 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RAMGE:8 GHz to 12GHz SWITCH TYPE:SP4T
PE7137 PASTERNACK-PE7137 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE: 8GHz TO 12GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com