Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLH16 Datasheet (PDF) - PHOENIX CONTACT

PLH16 Datasheet PDF - PHOENIX CONTACT
Part # PLH16
Download  PLH16 Download
File Size   189.71 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green

PLH16 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLH16 Datasheet PDF - PHOENIX CONTACT

Part # PLH16
Download  PLH16 Click to download

File Size   189.71 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green

PLH16 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - PLH16

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLH10AN1112R6P2B MURATA-PLH10AN1112R6P2B Datasheet
199Kb / 3P
Operating Temperature Range
PLH10AN1522R0A2B MURATA-PLH10AN1522R0A2B Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0A2M MURATA-PLH10AN1522R0A2M Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0B2B MURATA-PLH10AN1522R0B2B Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
PLH10AN1522R0B2M MURATA-PLH10AN1522R0B2M Datasheet
491Kb / 24P
EMI Suppression Filters for AC Power Lines
More results


Similar Description - PLH16

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
3031322 PHOENIX-3031322 Datasheet
178Kb / 5P
Ground modular terminal block, Type of connection: Spring-cage connection, Spring-cage connection
1017503 PHOENIX-1017503 Datasheet
406Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017504 PHOENIX-1017504 Datasheet
401Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017506 PHOENIX-1017506 Datasheet
402Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017507 PHOENIX-1017507 Datasheet
400Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com