Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160P Datasheet (PDF) - Analog Devices

SSM2160P Datasheet PDF - Analog Devices
Part # SSM2160P
Download  SSM2160P Download
File Size   429.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6- and 4-Channel, Serial Input Master/Balance Volume Controls

SSM2160P Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2160P Datasheet PDF - Analog Devices

Part # SSM2160P
Download  SSM2160P Click to download

File Size   429.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6- and 4-Channel, Serial Input Master/Balance Volume Controls

SSM2160P Datasheet (HTML) - Analog Devices


SSM2160P Product details

GENERAL DESCRIPTION
The SSM2160 and SSM2161 allow digital control of volume of six and four audio channels, respectively, with a master level control and individual channel controls.
   
FEATURES
    Clickless Digitally Controlled Level Adjustment
        SSM2160: Six Channels
        SSM2161: Four Channels
    7-Bit Master Control Gives 128 Levels of Attenuation
    5-Bit Channel Controls Give 32 Levels of Gain
    Master/Channel Step Size Set by External Resistors
    100 dB Dynamic Range
    Automatic Power On Mute
    Excellent Audio Characteristics:
        0.01% THD+N
        0.001% IMD (SMPTE)
        –90 dBu Noise Floor
        –80 dB Channel Separation
        90 dB SNR
    Single and Dual Supply Operation
   
APPLICATIONS
    Home Theater Receivers
    Surround Sound Decoders
    Circle Surround* and AC-3* Decoders
    DSP Soundfield Processors
    HDTV and Surround TV Audio Systems
    Automotive Surround Sound Systems
    Multiple Input Mixer Consoles and Amplifiers
   




Similar Part No. - SSM2160P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2160 AD-SSM2160 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160S AD-SSM2160S Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160S-REEL AD-SSM2160S-REEL Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
SSM2160 AD-SSM2160_03 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
More results


Similar Description - SSM2160P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
MOSA ELECTRONICS
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Analog Devices
SSM2160 AD-SSM2160_03 Datasheet
270Kb / 16P
6-Channel, Serial Input Master/Balance Volume Controls
2/03-Data Sheet changed from REV. 0 to REV. A.
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
logo
Analog Devices
SSM2161 AD-SSM2161_15 Datasheet
95Kb / 7P
6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com