Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160P Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2160P
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160P Datasheet(HTML) 5 Page - Analog Devices

  SSM2160P Datasheet HTML 1Page - Analog Devices SSM2160P Datasheet HTML 2Page - Analog Devices SSM2160P Datasheet HTML 3Page - Analog Devices SSM2160P Datasheet HTML 4Page - Analog Devices SSM2160P Datasheet HTML 5Page - Analog Devices SSM2160P Datasheet HTML 6Page - Analog Devices SSM2160P Datasheet HTML 7Page - Analog Devices SSM2160P Datasheet HTML 8Page - Analog Devices SSM2160P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SSM2160/SSM2161
–5–
REV. 0
PIN DESCRIPTIONS
SSM2160 SSM2161
Pin No.
Pin No.
Name
Function
1
1
V+
V+ is the positive power supply pin. Refer to the Power Supply Connections section for more
information.
2
2
AGND
AGND is the internal ground reference for the audio circuitry. When operating the SSM2160
from dual supplies, AGND should be connected to ground. When operating from a single
supply, AGND should be connected to VREF, the internally generated voltage reference. AGND
may also be connected to an external reference. Refer to the Power Supply Connections section
for more details.
33
VREF
VREF is the internally generated ground reference for the audio circuitry obtained from a buffered
divider between V+ and V–. In a dual-supply application with the AGND pin connected to
ground, VREF should be left floating. In a single supply application, VREF should be connected to
AGND. Refer to the Power Supply Connections section for more details.
4
4
CH1 OUT
Audio Output from Channel 1.
5
5
CH1 IN
Audio Input to Channel 1.
6
6
CH3 OUT
Audio Output from Channel 3.
7
7
CH3 IN
Audio Input to Channel 3.
8
–
CH5 OUT
Audio Output from Channel 5.
9
–
CH5 IN
Audio Input to Channel 5.
10
8
WRITE
A logic LOW voltage enables the SSM2160 to receive information at the DATA input (Pin 15).
A logic HIGH applied to WRITE retains data at their previous settings. See Timing Diagrams.
Serves as CHIP SELECT.
11
9
LD
Loads the information retained by WRITE into the SSM2160 at logic LOW. See Timing
Diagrams.
12
10
V–
V– is the negative power supply pin. Connect to ground if using in a single supply application.
Refer to the Power Supply Connections section for more details.
13
11
DGND
DGND is the digital ground reference for the SSM2160. This pin should always be connected to
ground. All digital inputs, including WRITE, LD, CLK, and DATA are TTL input compatible;
drive currents are returned to DGND.
14
12
CLK
CLK is the clock input. It is positive edge triggered. See Timing Diagrams.
15
13
DATA
Channel and Master control information flows MSB first into the DATA pin. Refer to Address/
Data Decoding Truth Table, Figure 19, for information on how to control the VCAs.
16
–
CH6 IN
Audio Input to Channel 6.
17
–
CH6 OUT
Audio Output from Channel 6.
18
14
CH4 IN
Audio Input to Channel 4.
19
15
CH4 OUT
Audio Output from Channel 4.
20
16
CH2 IN
Audio Input to Channel 2.
21
17
CH2 OUT
Audio Output from Channel 2.
22
18
MSTR SET
MSTR SET is connected to the inverting input of an I-V converting op amp used to generate a
Master Control voltage from the Master Control DAC current output. A resistor connected
from MSTR OUT to MSTR SET reduces the step size of the Master control. See the Adjusting
Step Sizes section for more details. A 10
µF capacitor should be connected from MSTR OUT to
MSTR SET to eliminate the zipper noise in the Master control.
23
19
MSTR OUT
MSTR OUT is connected to the output of the I-V converting op amp. See MSTR SET
description.
24
20
CH SET
The step size of the Channel Control can be increased by connecting a resistor from CH SET to
V+. No connection to CH SET is required if the default value of 1 dB per step is desired. Mini-
mum of 10
Ω external resistor. See the Adjusting Step Sizes section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com