Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160P Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2160P
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160P Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2160P Datasheet HTML 8Page - Analog Devices SSM2160P Datasheet HTML 9Page - Analog Devices SSM2160P Datasheet HTML 10Page - Analog Devices SSM2160P Datasheet HTML 11Page - Analog Devices SSM2160P Datasheet HTML 12Page - Analog Devices SSM2160P Datasheet HTML 13Page - Analog Devices SSM2160P Datasheet HTML 14Page - Analog Devices SSM2160P Datasheet HTML 15Page - Analog Devices SSM2160P Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SSM2160/SSM2161
–13–
REV. 0
Controlling Stereo Headphones Level and Balance
Figure 26 shows how the SSM2160 can be configured to drive a
stereo headphone output amplifier. Note that the minimum
load specification precludes driving headphones directly. This
example assumes that audio left and right signals are being fed
into Channels 1 and 2, respectively. Additional amplifiers could
be connected to the outputs to provide additional channels.
The master control will set the loudness, and the channel
controls will set the balance. The headphone amplifiers may be
connected to the same power supplies as the SSM2160. The
stereo audio signals are directly coupled to the noninverting
input of both op amps. Depending upon the headphones and
the signal levels, the optional R1 may be selected to provide
additional gain. The gain is determined by:
AV = 1+
R2
R1


As an example, suppose a high impedance headphone (600
Ω)
required a minimum of 25 mW to produce the desired loudness.
Further, suppose the system design made available an output
level from the SSM2160 of 300 mV. If the output were buffered
without gain and applied directly to the headphone, the power
would be:
P
=
V 2
R
P
=
(0.3)2
600
= 0.15 mW
This is obviously too little power, so we solve the equation for
the voltage required to produce the desired power of 25 mW:
V
= PR
V
= 0.025 × 600 = 3.9 V rms
The gain of the amplifiers must then be:
AV =
3.89
0.3
= 13
AV = 1+
R2
R1
R2
R1
= 12
R1
=
R2
12
=
6000
12
= 500 Ω
If lower impedance headphones were used, say 30
Ω, the voltage
required would be 0.9 V rms, so a gain of 3 would suffice, thus
R1 = 2.5 k
Ω and R2 = 5 kΩ.
The 100 pF capacitor, C2, in parallel with R2, creates a low-
pass filter with a cutoff above the audible range, reducing the
gain to high frequency noise. A small resistor within the
feedback loop protects the output stage in the event of a short
circuit at the headphone output but does not measurably reduce
the signal swing or loop gain. The dc blocking capacitor at the
output establishes a high pass filter with a –3 dB corner fre-
quency determined by the value of C1 and the headphone
impedance. With 600
Ω headphones, an output capacitor of 15
µF sets this corner at 20 Hz. Similarly, a 30 Ω headphone will
require 250
µF.
CAUTION: As with all headphone applications, listening to
loud sounds can cause permanent hearing loss.
+5V
– 5V
CH1OUT
CH2OUT
V–
DGND
V+
AGND
SSM2160
SSM2135-A
SSM2135-B
+5V
+
–5V
+
R1*
500
Ω
R1*
500
Ω
C2 100pF
R2 6kΩ
150
Ω
150
Ω
R2 6kΩ
C2 100pF
+5V
– 5V
50k
Ω
50k
Ω
15µF*
15µF*
LEFT
HEADPHONE
600
Ω
RIGHT
HEADPHONE
600
Ω
*SEE TEXT FOR ALTERNATE VALUES
1
2
4
21
12
13
Figure 26. Headphone Output Amplifier Configuration
EVALUATION BOARD FOR THE SSM2160
The following information is to be used with the SSM2160
evaluation board, which simplifies connecting the part into
existing systems. Audio signals are fed in and out via standard
RCA-type audio connectors. A stereo headphone driver socket
is provided for the convenience of listening to Channels 1 and
2. Microsoft Windows software is available for controlling the
serial data bus of the SSM2160 via the parallel port driver
(LPT) of an IBM-compatible PC. The software may be
downloaded from the Analog Devices Internet web site at
http://WWW.ANALOG.COM, or by requesting a diskette from
Analog Audio marketing by faxing (408)727-1550. The demo
board comes complete with the necessary parallel port cable and
telephone type plug that mates with the evaluation board.
Power Supplies
The demo board should be connected to
±6 V supplies for
initial evaluation. If other supply voltages are planned, they can
be subsequently changed. The power configuration on the
evaluation board is per Figure 14.
Signal Inputs and Outputs
Input load impedances are approximately 10 k
Ω, so the load on
the sources is relatively light. DC blocking capacitors are
provided on the evaluation board. The load impedance
connected to the outputs must be no less than 10 k
Ω and no
more than 50 pF shunt capacitance. This enables driving short
lengths of shielded or twisted wire cable. If heavier loads must
be driven, use an external buffer as shown in Figure 25. Note
that 50
Ω isolation resistors are placed in series with each
SSM2160 output and may be jumpered if desired.
Digital Interface
The interconnecting cable provided has a DB25 male connector
for the parallel port of the PC and an RJ14 plug that connects to
the evaluation board. This cable is all that is required for the
computer interface.
Software Installation
If installing the software from a diskette, and using Windows
version 3.1 or later, select the RUN command from the FILE
menu of the Program Manager. In the command line, type
a:\setup and press return. If you downloaded the software to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com