Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160P Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2160P
Description  6- and 4-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160P Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2160P Datasheet HTML 8Page - Analog Devices SSM2160P Datasheet HTML 9Page - Analog Devices SSM2160P Datasheet HTML 10Page - Analog Devices SSM2160P Datasheet HTML 11Page - Analog Devices SSM2160P Datasheet HTML 12Page - Analog Devices SSM2160P Datasheet HTML 13Page - Analog Devices SSM2160P Datasheet HTML 14Page - Analog Devices SSM2160P Datasheet HTML 15Page - Analog Devices SSM2160P Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2160/SSM2161
–14–
REV. 0
your hard disk from the Analog Devices website to, say,
C:\SSM2160, on the command line type C:\SSM2160\SETUP
and press Return. The software will be automatically installed
and a SSM2160 start-up icon will be displayed. Double-click
the icon to start the application. Under the menu item “Port,”
select the parallel port that is assigned to the connector used on
your PC if different from the default LPT1.
Windows Control Panel
The control panel contains all the functions required to control
the SSM2160, and each feature will be described below. A
mouse is needed to operate the various controls. It is possible
to overload the VCA (Voltage Controlled Amplifier) by incor-
rect input levels, master and control settings. If you have not
read the sections of the data sheet regarding control planning,
do so now. While no damage will occur to the SSM2160, the
results will be unpredictable.
Master Volume
The master volume fader controls the 7-bit word that deter-
mines the attenuation level. There are 128 levels (2
7) that range
from zero dB attenuation through –127 dB attenuation. To
change the level, simply click the up or down arrows or click in
the space directly above or below the fader “knob,” or “drag”
the knob up or down to its desired position. (Drag refers to
placing the screen cursor arrowhead on the control, pressing and
holding the left mouse button while moving the arrow to the
desired position.)
Master Mute
Below the master volume fader is the Master Mute button.
Click this button to mute all channels. Clicking it again will
unmute all channels. The application defaults to MUTE when
started. Mute reduces outputs to approximately –95 dB below
inputs up to 0 dBu.
Channel Volume
Each of the channel fader controls can be set to one of 32 levels
of gain, from 0 dB to +31 dB. See master volume above for details.
Channel Mute
Same function as Master Mute but on a channel basis. Due to
the design limitations, muting an individual channel results in
an increased distortion level of the unmuted channels. Users
must determine if this condition is acceptable in their application.
Channel Balance
The channel balance fader adjusts all channels over their range
without affecting the master volume setting. Relative channel
differences will be maintained until the top or the bottom of the
range is reached. The master volume fader does the same function
as this fader, which was made available for evaluation convenience.
Fades
Both master and channel fades can be achieved by pressing the
“MEM 1” button when levels are at a desired starting position
and the “MEM 2” button at the desired ending position. “Fade”
controls individual channels and “Master Fade,” the master
volume. “Fade Time” sets timing from 0.1 (fastest) to 9.9
(slowest). Press “Fade” to commence operation. If “Fade” is
pressed again, a fade back to the starting point will occur. The
“Jump” button causes a direct jump to the opposite memory
position.
Halt
“Halt” is a software interrupt in case of a problem, or to stop a
long fade time.
Update
Data currently on display is resent to the SSM2160. This is
useful when parts are being substituted in the evaluation board,
or when the interface cable is changed.
Should you have any questions regarding the evaluation board
or the SSM2160, please contact the Analog Audio group
applications specialist at (408)562-7520.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com