Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2166 Datasheet (PDF) - Analog Devices

SSM2166 Datasheet PDF - Analog Devices
Part # SSM2166
Download  SSM2166 Download
File Size   214.86 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microphone Preamplifier with Variable Compression and Noise Gating

SSM2166 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2166 Datasheet PDF - Analog Devices

Part # SSM2166
Download  SSM2166 Click to download

File Size   214.86 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microphone Preamplifier with Variable Compression and Noise Gating

SSM2166 Datasheet (HTML) - Analog Devices


SSM2166 Product details

GENERAL DESCRIPTION
The SSM2166 integrates a complete and flexible solution for conditioning microphone inputs in computer audio systems. It is also excellent for improving vocal clarity in communications and public address systems. A low noise, voltage-controlled amplifier (VCA) provides a gain that is dynamically adjusted by a control loop to maintain a set compression characteristic.

FEATURES
    Complete microphone conditioner in a 14-lead SOIC package
    Single 5 V operation
    Adjustable noise gate threshold
    Compression ratio set by external resistor
    Automatic limiting feature—prevents ADC overload
    Adjustable release time
    Low noise and distortion
    Power-down feature
    20 kHz bandwidth (±1 dB)

APPLICATIONS
    Microphone preamplifiers/processors
    Computer sound cards
    Public address/paging systems
    Communication headsets
    Telephone conferencing
    Guitar sustain effects generators
    Computerized voice recognition
    Surveillance systems
    Karaoke and DJ mixers




Similar Part No. - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
SSM2166 AD-SSM2166 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
SSM2166S AD-SSM2166S Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166S AD-SSM2166S Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Similar Description - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com