Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167 Datasheet (PDF) - Analog Devices

SSM2167 Datasheet PDF - Analog Devices
Part # SSM2167
Download  SSM2167 Download
File Size   121.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating

SSM2167 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2167 Datasheet PDF - Analog Devices

Part # SSM2167
Download  SSM2167 Click to download

File Size   121.15 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating

SSM2167 Datasheet (HTML) - Analog Devices


SSM2167 Product details

GENERAL DESCRIPTION
The SSM2167 is a complete and flexible solution for conditioning microphone inputs in personal electronics and computer audio systems. It is also excellent for improving vocal clarity in communications and public address systems. A low noise voltage controlled amplifier (VCA) provides a gain that is dynamically adjusted by a control loop to maintain a set compression characteristic. The compression ratio is set by a single resistor and can be varied from 1:1 to over 10:1 relative to the fixed rotation point. Signals above the rotation point are limited to prevent overload and to eliminate popping. A downward expander (noise gate) prevents amplification of background noise or hum. This results in optimized signal levels prior to digitization, thereby eliminating the need for additional gain or attenuation in the digital domain. The flexibility of setting the compression ratio and the time constant of the level detector, coupled with two values of rotation point, make the SSM2167 easy to integrate in a wide variety of microphone conditioning applications.
The device is available in a 10-lead MSOP package, and is guaranteed for operation over the extended industrial temperature range of −40°C to +85°C.

FEATURES
   Complete microphone conditioner in a 10-lead package
   Single 3 V operation
   Low shutdown current < 2 µA
   Adjustable noise gate threshold
   Adjustable compression ratio
   Automatic limiting feature prevents ADC overload
   Low noise and distortion: 0.2% THD + N
   20 kHz bandwidth

APPLICATIONS
   Desktop, portable, or palmtop computers
   Telephone conferencing
   Communication headsets
   Two-way communications
   Surveillance systems
   Karaoke and DJ mixers




Similar Part No. - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167 AD-SSM2167 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RM-R2 AD-SSM2167-1RM-R2 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167-1RM-REEL AD-SSM2167-1RM-REEL Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167-1RMZ-R2 AD-SSM2167-1RMZ-R2 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
More results


Similar Description - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com