Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2167
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167 Datasheet(HTML) 1 Page - Analog Devices

  SSM2167 Datasheet HTML 1Page - Analog Devices SSM2167 Datasheet HTML 2Page - Analog Devices SSM2167 Datasheet HTML 3Page - Analog Devices SSM2167 Datasheet HTML 4Page - Analog Devices SSM2167 Datasheet HTML 5Page - Analog Devices SSM2167 Datasheet HTML 6Page - Analog Devices SSM2167 Datasheet HTML 7Page - Analog Devices SSM2167 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
SSM2167
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Voltage Microphone
Preamplifier with Variable
Compression and Noise Gating
FEATURES
Complete Microphone Conditioner in a 10-Lead Package
Single 3 V Operation
Low Shutdown Current < 2
A
Adjustable Noise Gate Threshold
Adjustable Compression Ratio
Automatic Limiting Feature Prevents ADC Overload
Low Noise and Distortion: 0.2% THD + N
20 kHz Bandwidth
APPLICATIONS
Desktop, Portable, or Palmtop Computers
Telephone Conferencing
Communication Headsets
Two-Way Communications
Surveillance Systems
Karaoke and DJ Mixers
GENERAL DESCRIPTION
The SSM2167 is a complete and flexible solution for conditioning
microphone inputs in personal electronics and computer audio
systems. It is also excellent for improving vocal clarity in communi-
cations and public address systems. A low noise voltage controlled
amplifier (VCA) provides a gain that is dynamically adjusted by a
control loop to maintain a set compression characteristic. The
compression ratio is set by a single resistor and can be varied from
1:1 to over 10:1 relative to the fixed rotation point. Signals above
the rotation point are limited to prevent overload and to eliminate
“popping.” A downward expander (noise gate) prevents amplifica-
tion of background noise or hum. This results in optimized signal
levels prior to digitization, thereby eliminating the need for addi-
tional gain or attenuation in the digital domain. The flexibility of
setting the compression ratio and the time constant of the level
detector, coupled with two values of rotation point, make the
SSM2167 easy to integrate in a wide variety of microphone
conditioning applications.
The SSM2167 is available in two versions, with different amounts
of fixed gain. The SSM2167-1 has 18 dB of fixed gain, while
the SSM2167-2 features only 8 dB of fixed gain.
The device is available in 10-lead MSOP package, and guaranteed
for operation over the extended industrial temperature range of
–40
°C to +85°C.
PIN CONFIGURATION
10-Lead MSOP
(RM Suffix)
INPUT – dB
LIMITING
REGION
LIMITING
THRESHOLD
(ROTATION POINT)
COMPRESSION
REGION
1
r
1
1
DOWNWARD
EXPANSION
THRESHOLD
(NOISE GATE)
DOWNWARD
EXPANSION
REGION
VDE
VRP
VCA GAIN
Figure 1. General Input/Output Characteristics
SSM2167
GND
VCAIN
SHUTDOWN
BUF OUT
INPUT
VDD
OUTPUT
COMPRESSION RATIO
GATE THRS
AVG CAP
1
2
3
4
5
10
9
8
7
6


Similar Part No. - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167 AD-SSM2167 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RM-R2 AD-SSM2167-1RM-R2 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167-1RM-REEL AD-SSM2167-1RM-REEL Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2167-1RMZ-R2 AD-SSM2167-1RMZ-R2 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
More results

Similar Description - SSM2167

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com