Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2167
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167 Datasheet(HTML) 3 Page - Analog Devices

  SSM2167 Datasheet HTML 1Page - Analog Devices SSM2167 Datasheet HTML 2Page - Analog Devices SSM2167 Datasheet HTML 3Page - Analog Devices SSM2167 Datasheet HTML 4Page - Analog Devices SSM2167 Datasheet HTML 5Page - Analog Devices SSM2167 Datasheet HTML 6Page - Analog Devices SSM2167 Datasheet HTML 7Page - Analog Devices SSM2167 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
SSM2167
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . 150
°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . 300
°C
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 500 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Package Type
JA*
JC
Unit
10-Lead MSOP (RM)
180
35
°C/W
*
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in 4-layer circuit board for surface-mount packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the SSM2167 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2167-1RM-Reel
–40
°C to +85°C
10-Lead Mini/micro SOIC (MSOP)
RM-10
SSM2167-2RM-Reel
* –40
°C to +85°C
10-Lead Mini/micro SOIC (MSOP)
RM-10
*Preliminary



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com