Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2167 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2167
Description  Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2167 Datasheet(HTML) 6 Page - Analog Devices

  SSM2167 Datasheet HTML 1Page - Analog Devices SSM2167 Datasheet HTML 2Page - Analog Devices SSM2167 Datasheet HTML 3Page - Analog Devices SSM2167 Datasheet HTML 4Page - Analog Devices SSM2167 Datasheet HTML 5Page - Analog Devices SSM2167 Datasheet HTML 6Page - Analog Devices SSM2167 Datasheet HTML 7Page - Analog Devices SSM2167 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
SSM2167
–6–
APPLICATIONS INFORMATION
The SSM2167 is a complete microphone signal conditioning
system on a single integrated circuit. Designed primarily for
voice band applications, this integrated circuit provides amplifi-
cation, limiting, variable compression, and noise gate. User
adjustable compression ratio, noise gate threshold, and two
different fixed gains optimize circuit operation for a variety of
applications. The SSM2167 also features a low power shutdown
mode for battery-powered applications.
10 F
VDD
GND
SHUTDOWN
VDD
RGATE
RCOMP
OUTPUT
0.1 F
INPUT
10 F
+
10 F
+
100k
GND
VDD
10 F
+
500k
SSM2167
Figure 2. Typical Application Circuit
LEVEL
DETECTOR
CONTROL
RG
RC
C3
10 F
+
CAVG
NOISE GATE AND
COMPRESSION
SETTINGS
GND
SHUTDOWN
VCA
+1
INPUT
C1
0.1 F
BUFFER
C2
10 F
BUFOUT
OUTPUT
VDD
VCAIN
+
1k
1k
VDD
Figure 3. Functional Block Diagram
Theory of Operation
The typical transfer characteristic for the SSM2167 is shown in
Figure 1 where the output level in dB is plotted as a function of
the input level in dB. The dotted line indicates the transfer
characteristic for a unity-gain amplifier. For input signals in the
range of VDE (Downward Expansion) to VRP (Rotation Point)
an “r” dB change in the input level causes a 1 dB change in the
output level. Here, “r” is defined as the “compression ratio.”
The compression ratio may be varied from 1:1 (no compression)
to 10:1 via a single resistor, RCOMP. Input signals above VRP are
compressed with a fixed compression ratio of approximately
10:1. This region of operation is the “limiting region.” Varying
the compression ratio has no effect on the limiting region. The
breakpoint between the compression region and the limiting
region is referred to as the “limiting threshold” or the “rotation
point.” The term “rotation point” derives from the observation
that the straight line in the compression region “rotates” about
this point on the input/output characteristic as the compression
ratio is changed.
The gain of the system with an input signal level of VRP is the
“fixed gain,” 18 dBV for the SSM2167-1 and 8 dBV for the
SSM2167-2, regardless of the compression ratio.
Input signals below VDE are downward-expanded; that is, a –1 dB
change in the input signal level causes approximately a –3 dB
change in the output level. As a result, the gain of the system is
small for very small input signal levels, even though it may be
quite large for small input signals just above of VDE. The external
resistor at Pin 7, RGATE, is used to set the downward expansion
threshold VDE.
Finally, the SSM2167 provides an active low, CMOS-compatible
digital power-down feature that will reduce device supply current
to typically less than 2
A.
SSM2167 Signal Path
Figure 3 illustrates the block diagram of the SSM2167. The audio
input signal is processed by the input buffer and then by the VCA.
The input buffer presents an input impedance of approximately
100 k
Ω to the source. A dc voltage of approximately 1.5 V is
present at INPUT (Pin 5 of the SSM2167), requiring the use of a
blocking capacitor (C1) for ground-referenced sources. A 0.1
µF
capacitor is a good choice for most audio applications. The input
buffer is a unity-gain stable amplifier that can drive the low imped-
ance input of the VCA and an internal rms detector.
The VCA is a low distortion, variable-gain amplifier whose gain
is set by the side-chain control circuitry. An external blocking
capacitor (C2) must be used between the buffer’s output and
the VCA input. The 1 k
Ω impedance between amplifiers determines
the value of this capacitor, which is typically between 4.7
µF and
10
µF. An aluminum electrolytic capacitor is an economical choice.
The VCA amplifies the input signal current flowing through C2
and converts this current to a voltage at the SSM2167’s output pin
(Pin 9). The net gain from input to output can be as high as 40 dB
for the SSM2167-1 and 30 dB for the SSM2167-2, depending on
the gain set by the control circuitry.
The output impedance of the SSM2167 is typically less than 145
Ω,
and the external load on Pin 9 should be > 5 k
Ω. The nominal
output dc voltage of the device is approximately 1.4 V, so a blocking
capacitor for grounded loads must be used.
TIME – 500ms/DIV
0
0
00
0
00
00
00
0
0
0
0
0
0
0
85dBV
66dBV
6dBV
TPC 13. SSM2167-1 RMS Level Detector Performance
with CAVG = 2.2
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com