Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2402 Datasheet (PDF) - Analog Devices

SSM2402 Datasheet PDF - Analog Devices
Part # SSM2402
Download  SSM2402 Download
File Size   322.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Audio Analog Switches

SSM2402 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2402 Datasheet PDF - Analog Devices

Part # SSM2402
Download  SSM2402 Click to download

File Size   322.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Audio Analog Switches

SSM2402 Datasheet (HTML) - Analog Devices


SSM2402 Product details

GENERAL DESCRIPTION
The SSM2402/SSM2412 are dual analog switches designed specifically for high performance audio applications. Distortion and noise are negligible over the full audio operating range of 20 Hz to 20 kHz at signal levels of up to 10 V rms. The SSM2402/SSM2412 offer a monolithic integrated alternative to expensive and noisy relays or complex discrete JFET circuits. Unlike conventional general-purpose CMOS switches, the SSM2402/SSM2412 provide superb fidelity without audio “clicks” during switching.

FEATURES
    “Clickless” Bilateral Audio Switching
    Guaranteed “Break-Before-Make” Switching
    Low Distortion: 0.003% typ
    Low Noise: 1 nV/√Hz
    Superb OFF-Isolation: 120 dB typ
    Low ON-Resistance: 60 Ω typ
    Wide Signal Range: VS = ±18 V; 10 V rms
    Wide Power Supply Range: ±20 V max
    Available in Dice Form




Similar Part No. - SSM2402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402 AD-SSM2402 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
SSM2402 AD-SSM2402_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
More results


Similar Description - SSM2402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
Dual, 5??Analog Switches
Rev 0; 8/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
SSM2402 AD-SSM2402_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
SSM2412 AD-SSM2412_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com