Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4621 Datasheet (PDF) - Maxim Integrated Products

MAX4621 Datasheet PDF - Maxim Integrated Products
Part # MAX4621
Download  MAX4621 Download
File Size   168.58 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 5??Analog Switches

MAX4621 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4621 Datasheet PDF - Maxim Integrated Products

Part # MAX4621
Download  MAX4621 Click to download

File Size   168.58 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 5??Analog Switches

MAX4621 Datasheet (HTML) - Maxim Integrated Products


MAX4621 Product details

General Description
The MAX4621/MAX4622/MAX4623 are precision, dual, high-speed analog switches. The single-pole/single-throw (SPST) MAX4621 and double-pole/single-throw (DPST) MAX4623 dual switches are normally open (NO). The single-pole/double-throw (SPDT) MAX4622 has two normally closed (NC) and two NO poles. All three parts offer low 5Ω on-resistance guaranteed to match to within 0.5Ω between channels and to remain flat over the full analog signal range (∆0.5Ω max). They also offer low leakage (<500pA at +25°C, <5nA at +85°C) and fast switching times (turn-on time <250ns, turn-off time <200ns).

Features
♦ Low On-Resistance: 3Ω (typ), 5Ω (max)
♦ Guaranteed RON Match Between Channels
   (0.5Ω max)
♦ Guaranteed Break-Before-Make Operation
   (MAX4622)
♦ Guaranteed Off-Channel Leakage <5nA at +85°C
♦ Single-Supply Operation (+4.5V to +36V)
   Bipolar-Supply Operation (±4.5V to ±18V)
♦ TTL/CMOS-Logic Compatible
♦ Rail-to-Rail® Analog Signal Handling Capability
♦ Pin Compatible with DG401/DG403/DG405

Applications
   Reed Relay Replacement
   Military Radios
   Test Equipment
   PBX, PABX Systems
   Communication Systems
   Audio-Signal Routing
   Data-Acquisition Systems
   Avionics




Similar Part No. - MAX4621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620EPD MAXIM-MAX4620EPD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620ESD MAXIM-MAX4620ESD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4620EUD MAXIM-MAX4620EUD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4624 MAXIM-MAX4624 Datasheet
169Kb / 12P
1?? Low-Voltage, Single-Supply SPDT Analog Switches
Rev 1; 1/00
More results


Similar Description - MAX4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402 AD-SSM2402 Datasheet
322Kb / 12P
Dual Audio Analog Switches
REV.A
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
MAX4664 MAXIM-MAX4664 Datasheet
165Kb / 12P
5?? Quad, SPST, CMOS Analog Switches
Rev 0; 7/99
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
Precision, Dual-Supply Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
logo
Analog Devices
SSM2402 AD-SSM2402_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
SSM2412 AD-SSM2412_15 Datasheet
776Kb / 12P
Dual Audio Analog Switches
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com