Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4621 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4621 Datasheet HTML 1Page - Maxim Integrated Products MAX4621 Datasheet HTML 2Page - Maxim Integrated Products MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual, 5
Ω Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ to GND ..............................................................-0.3V to +44V
V- to GND ...............................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL to GND.....................................................-0.3V to (V+ + 0.3V)
All Other Pins to GND (Note 1) ........... (V- - 0.3V) to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_) ........................±100mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle) ............................... ±300mA
Continuous Power Dissipation (TA = +70°C)
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Narrow DIP (derate 10.53mW/°C above +70°C) ..........842mW
Operating Temperature Ranges
MAX462_C_ _ ......................................................0°C to +70°C
MAX462_E_ _....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
35
V
V-
V+
VCOM_,
VNO_,
VNC_
Input Voltage Range
(Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Signals on NO_, NC_, or COM_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
TA = +25°C
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
Ω
7
RON
On-Resistance
TA = TMIN to TMAX
0.25
0.5
TA = +25°C
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
Ω
0.7
∆RON
On-Resistance Match
Between Channels
(Notes 3, 4)
TA = TMIN to TMAX
-0.5
0.01
0.5
TA = +25°C
0.2
0.5
VNO_ or VNC_ = ±10V,
VCOM_ = –
+10V
nA
TA = +25°C
ICOM_ = 10mA;
VNO_ or VNC_ = -5V,
0, 5V
Ω
0.7
RFLAT(ON)
On-Resistance Flatness
(Notes 3, 5)
TA = TMIN to TMAX
-5
5
INO_, INC_
Off-Leakage Current
(NO_ or NC_) (Note 6)
TA = TMIN to TMAX
-1
0.02
1
TA = +25°C
-0.5
0.01
0.5
VCOM_ = ±10V,
VNO_ or VNC_ = –
+10V
or floating
nA
TA = +25°C
VCOM_ = ±10V,
VNO_ or VNC_ = –
+10V
nA
-5
5
ICOM_(OFF)
COM_ Off-Leakage Current
(Note 6)
TA = TMIN to TMAX
-10
10
ICOM_(ON)
COM_ On-Leakage Current
(Note 6)
TA = TMIN to TMAX
VINL
Logic Input Voltage Low
V
2.4
V
0.8
VINH
Logic Input Voltage High
VIN_ = 0.8V
-0.5
0.001
0.5
µA
IINL
Input Current with Input
Voltage Low
VIN_ = 2.4V
-0.5
0.001
0.5
µA
IINH
Input Current with Input
Voltage High
ANALOG SWITCH
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com