Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4621 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4621 Datasheet HTML 1Page - Maxim Integrated Products MAX4621 Datasheet HTML 2Page - Maxim Integrated Products MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual, 5
Ω Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
-0.5
0.001
0.5
TA = +25°C
VIN_ = 0 or 5V
µA
VCOM_ = ±10V, Figure 3, TA = +25°C
VCOM_ = ±10V,
Figure 2
VCOM_ = ±10V,
Figure 2
TA = +25°C
CONDITIONS
-5
5
I-
Negative Supply Current
TA = TMIN to TMAX
-0.5
0.001
0.5
TA = +25°C
VIN_ = 0 or 5V
µA
-5
5
IL
Logic Supply Current
TA = TMIN to TMAX
525
TA = +25°C
90
200
ns
tOFF
ns
tD
Break-Before-Make Time
Delay (MAX4622 only)
Turn-Off Time
-0.5
0.001
0.5
V
±4.5
±20.0
Power-Supply Range
120
250
ns
tON
Turn-On Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
VIN_ = 0 or 5V
µA
-5
5
I+
Positive Supply Current
TA = TMIN to TMAX
-0.5
0.001
0.5
TA = +25°C
VIN_ = 0 or 5V
µA
-5
5
IGND
Ground Current
TA = TMIN to TMAX
CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 4,
TA = +25°C
480
pC
Q
Charge Injection
RL = 50Ω, f = 1MHz, Figure 5, TA = +25°C
VISO
Off-Isolation (Note 7)
dB
f = 1MHz, Figure 7, TA = +25°C
f = 1MHz, Figure 8, TA = +25°C
CCOM
On-Capacitance
pF
34
pF
-62
150
CCOM
COM_ Off-Capacitance
TA = TMIN to TMAX
TA = TMIN to TMAX
325
275
f = 1MHz, Figure 7, TA = +25°C
COFF
NC_ or NO_ Capacitance
pF
34
RL = 50Ω, f = 1MHz, Figure 6, TA = +25°C
VCT
Crosstalk (Note 8)
dB
-60
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com