Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4621 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4621 Datasheet HTML 1Page - Maxim Integrated Products MAX4621 Datasheet HTML 2Page - Maxim Integrated Products MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual, 5
Ω Analog Switches
_______________________________________________________________________________________
5
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is used
in this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON_MAX - RON_MIN.
Note 5: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage currents are 100% tested at the maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20log10 [VCOM_ / (VNC_ or VNO_)]. VCOM_ = output, VNC_ or VNO_ = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
TA = +25°C.) (Note 2)
TA = TMIN to TMAX
RL = 100Ω, CL = 35pF, Figure 3, TA = +25°C
VCOM_ = 10V, Figure 2
TA = TMIN to TMAX
VCOM_ = 10V, Figure 2
TA = +25°C
RL = 50Ω, f = 1MHz, Figure 6
VCT
CONDITIONS
10
75
TA = +25°C
100
200
ns
tOFF
ns
Crosstalk (Note 8)
tD
Break-Before-Make Time
Delay (MAX4622 only)
(Note 3)
Turn-Off Time (Note 3)
475
300
dB
-60
200
350
ns
tON
Turn-On Time (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SWITCH DYNAMIC CHARACTERISTICS
CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 4
45
pC
Q
Charge Injection
Off-Isolation (Note 7)
VISO
RL = 50Ω, f = 1MHz, Figure 5
-62
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com