Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06GP Datasheet (PDF) - Analog Devices

SW06GP Datasheet PDF - Analog Devices
Part # SW06GP
Download  SW06GP Download
File Size   271.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad SPST JFET Analog Switch

SW06GP Datasheet (PDF)

Go To PDF Page Download Datasheet
SW06GP Datasheet PDF - Analog Devices

Part # SW06GP
Download  SW06GP Click to download

File Size   271.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad SPST JFET Analog Switch

SW06GP Datasheet (HTML) - Analog Devices


SW06GP Product details

GENERAL DESCRIPTION

The SW06 is a four channel single-pole, single-throw analog switch that employs both bipolar and ion-implanted FET devices. The SW06 FET switches use bipolar digital logic inputs which are more resistant to static electricity than CMOS devices. Ruggedness and reliability are inherent in the SW06 design and

construction technology.



FEATURES

Two Normally Open and Two Normally Closed SPST Switches with Disable

Switches Can Be Easily Configured as a Dual SPDT or a DPDT

Highly Resistant to Static Discharge Destruction

Higher Resistance to Radiation than Analog Switches

Designed with MOS Devices

Guaranteed RON Matching: 10% max

Guaranteed Switching Speeds

  TON = 500 ns max

  TOFF = 400 ns max

Guaranteed Break-Before-Make Switching

Low “ON” Resistance: 80 V max

Low RON Variation from Analog Input Voltage: 5%

Low Total Harmonic Distortion: 0.01%

Low Leakage Currents at High Temperature

  TA = +1258C: 100 nA max

  TA = +858C: 30 nA max

Digital Inputs TTL/CMOS Compatible and Independent of V+

Improved Specifications and Pin Compatible to LF-11333/13333

Dual or Single Power Supply Operation

Available in Die Form




Similar Part No. - SW06GP

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
SW065R85VS SEMIPOWER-SW065R85VS Datasheet
723Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW068R08ET SEMIPOWER-SW068R08ET Datasheet
859Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Sep. 2019
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
More results


Similar Description - SW06GP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF11331 NSC-LF11331 Datasheet
416Kb / 18P
Quad SPST JFET Analog Switches
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
QUAD SPST JFET ANALOG SWITCHES
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
Quad, SPST Analog Switch
Rev 3; 6/07
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com