Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LF11331 Datasheet PDF - National Semiconductor (TI)
Part # LF11331
Download  LF11331 Download
File Size   416.3 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad SPST JFET Analog Switches

LF11331 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF11331 Datasheet PDF - National Semiconductor (TI)

Part # LF11331
Download  LF11331 Click to download

File Size   416.3 Kbytes
Page   18 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Quad SPST JFET Analog Switches

LF11331 Datasheet (HTML) - National Semiconductor (TI)


LF11331 Product details

General Description

These devices are a monolithic combination of bipolar and JFET technology producing the industry’s first one chip quad JFET switch. A unique circuit technique is employed to main tain a constant resistance over the analog voltage range of ±10V. The input is designed to operate from minimum TTL levels, and switch operation also ensures a break-before-make action.



Features

Analog signals are not loaded

Constant “ON” resistance for signals up to±10V and 100 kHz

Pin compatible with CMOS switches with the advantage of blow out free handling

Small signal analog signals to 50 MHz

Break-before-make action: tOFF High open switch isolation at 1.0 MHz: −50 dB

Low leakage in “OFF” state: <1.0 nA

TTL, DTL, RTL compatibility

Single disable pin opens all switches in package on LF11331, LF11332, LF11333

LF11201 is pin compatible with DG201




Similar Part No. - LF11331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113D MPD-LF113D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF113DI MPD-LF113DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
LF113ED MPD-LF113ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
LF113ED MPD-LF113ED Datasheet
233Kb / 2P
F100ED SERIES
More results


Similar Description - LF11331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
Quad SPST JFET Analog Switch
REV.A
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
QUAD SPST JFET ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Analog Devices
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com