Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF11331
Description  Quad SPST JFET Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF11331 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LF11331 Datasheet HTML 5Page - National Semiconductor (TI) LF11331 Datasheet HTML 6Page - National Semiconductor (TI) LF11331 Datasheet HTML 7Page - National Semiconductor (TI) LF11331 Datasheet HTML 8Page - National Semiconductor (TI) LF11331 Datasheet HTML 9Page - National Semiconductor (TI) LF11331 Datasheet HTML 10Page - National Semiconductor (TI) LF11331 Datasheet HTML 11Page - National Semiconductor (TI) LF11331 Datasheet HTML 12Page - National Semiconductor (TI) LF11331 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Application Hints (Continued)
LEAKAGE CURRENTS
The drain and source leakage currents, in both the ON and
the OFF states of each switch, are typically less than 1 nA at
25˚C and less than 100 nA at 125˚C. As shown in the typical
curves, these leakage currents are Dependent on power
supply voltages, analog voltage, analog current and the
source to drain voltage.
DELAY TIMES
The delay time OFF (t
OFF) is essentially independent of both
the analog voltage and temperature. The delay time ON
(t
ON) will decrease as either (VCC−VA) decreases or the tem-
perature decreases.
POWER SUPPLIES
The voltage between the positive supply (V
CC) and either the
negative supply (V
EE) or the reference supply (VR) can be as
much as 36V. To accommodate variations in input logic refer-
ence voltages, V
R can range from VEE to (VCC−4.5V). Care
should be taken to ensure that the power supply leads for the
device never become reversed in polarity or that the device
is never inadvertently installed backwards in a test socket. If
one of these conditions occurs, the supplies would zener an
internal diode to an unlimited current; and result in a de-
stroyed device.
SWITCHING TRANSIENTS
When a switch is turned OFF or ON, transients will appear at
the load due to the internal transient voltage at the gate of
the switch JFET being coupled to the drain and source by
the junction capacitances of the JFET. The magnitude of
these transients is dependent on the load. A lower value R
L
produces a lower transient voltage. A negative transient oc-
curs during the delay time ON, while a positive transient oc-
curs during the delay time OFF. These transients are rela-
tively small when compared to faster switch families.
DISABLE NODE
This node can be used, as shown in
Figure 5, to turn all the
switches in the unit off independent of logic inputs. Normally,
the node floats freely at an internal diode drop (
≈0.7V) above
V
R. When the external transistor in Figure 5 is saturated, the
node is pulled very close to V
R and the unit is disabled. Typi-
cally, the current from the node will be less than 1 mA. This
feature is not available on the LF11201 or LF11202 series.
Typical Applications
DS005667-6
FIGURE 5. Disable Function
Sample and Hold with Reset
DS005667-42
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com