Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF11331
Description  Quad SPST JFET Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF11331 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF11331 Datasheet HTML 1Page - National Semiconductor (TI) LF11331 Datasheet HTML 2Page - National Semiconductor (TI) LF11331 Datasheet HTML 3Page - National Semiconductor (TI) LF11331 Datasheet HTML 4Page - National Semiconductor (TI) LF11331 Datasheet HTML 5Page - National Semiconductor (TI) LF11331 Datasheet HTML 6Page - National Semiconductor (TI) LF11331 Datasheet HTML 7Page - National Semiconductor (TI) LF11331 Datasheet HTML 8Page - National Semiconductor (TI) LF11331 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LF11331/LF13331/LF11332/LF13332/LF11333/
LF13333/LF11201/LF13201/LF11202/LF13202
Quad SPST JFET Analog Switches
General Description
These devices are a monolithic combination of bipolar and
JFET technology producing the industry’s first one chip quad
JFET switch. A unique circuit technique is employed to main-
tain a constant resistance over the analog voltage range of
±10V. The input is designed to operate from minimum TTL
levels,
and
switch
operation
also
ensures
a
break-before-make action.
These devices operate from ±15V supplies and swing a
±10V analog signal. The JFET switches are designed for ap-
plications where a dc to medium frequency analog signal
needs to be controlled.
Features
n Analog signals are not loaded
n Constant “ON” resistance for signals up to ±10V and
100 kHz
n Pin compatible with CMOS switches with the advantage
of blow out free handling
n Small signal analog signals to 50 MHz
n Break-before-make action:
t
OFF < tON
n High open switch isolation at 1.0 MHz:
−50 dB
n Low leakage in “OFF” state:
<1.0 nA
n TTL, DTL, RTL compatibility
n Single disable pin opens all switches in package on
LF11331, LF11332, LF11333
n LF11201 is pin compatible with DG201
Test Circuit and Schematic Diagram
DS005667-2
FIGURE 1. Typical Circuit for One Switch
DS005667-12
FIGURE 2. Schematic Diagram (Normally Open)
January 1995
© 1999 National Semiconductor Corporation
DS005667
www.national.com


Similar Part No. - LF11331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113D MPD-LF113D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF113DI MPD-LF113DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
LF113ED MPD-LF113ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
LF113ED MPD-LF113ED Datasheet
233Kb / 2P
F100ED SERIES
More results

Similar Description - LF11331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
Quad SPST JFET Analog Switch
REV.A
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
QUAD SPST JFET ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Analog Devices
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com