Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF11331
Description  Quad SPST JFET Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF11331 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF11331 Datasheet HTML 1Page - National Semiconductor (TI) LF11331 Datasheet HTML 2Page - National Semiconductor (TI) LF11331 Datasheet HTML 3Page - National Semiconductor (TI) LF11331 Datasheet HTML 4Page - National Semiconductor (TI) LF11331 Datasheet HTML 5Page - National Semiconductor (TI) LF11331 Datasheet HTML 6Page - National Semiconductor (TI) LF11331 Datasheet HTML 7Page - National Semiconductor (TI) LF11331 Datasheet HTML 8Page - National Semiconductor (TI) LF11331 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 2)
Supply Voltage (V
CC−VEE)
36V
Reference Voltage
V
EE≤VR≤VCC
Logic Input Voltage
V
R−4.0V≤VIN≤VR+6.0V
Analog Voltage
V
EE≤VA≤VCC+6V;
V
A≤VEE+36V
Analog Current
|I
A|<20 mA
Power Dissipation (Note 3)
Molded DIP (N Suffix)
500 mW
Cavity DIP (D Suffix)
900 mW
Operating Temperature Range
LF11201, 2 and LF11331, 2, 3
−55˚C to +125˚C
LF13201, 2 and LF13331, 2, 3
0˚C to +70˚C
Storage Temperature
−65˚C to +150˚C
Soldering Information
N and D Package (10 sec.)
300˚C
SO Package:
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Electrical Characteristics (Note 4)
LF11331/2/3
LF13331/2/3
Symbol
Parameter
Conditions
LF11201/2
LF13201/2
Units
Min
Typ
Max
Min
Typ
Max
RON
“ON” Resistance
VA=0, ID=1mA
TA=25˚C
150
200
150
250
Ω
200
300
200
350
Ω
RON Match
“ON” Resistance Matching
TA=25˚C
5
20
10
50
Ω
VA
Analog Range
±10
±11
±10 ±11
V
IS(ON) +
Leakage Current in “ON” Condition
Switch “ON,” VS=VD=±10V
TA=25˚C
0.3
5
0.3
10
nA
ID(ON)
3
100
3
30
nA
IS(OFF)
Source Current in “OFF” Condition
Switch “OFF,” VS=+10V,
TA=25˚C
0.4
5
0.4
10
nA
VD=−10V
3
100
3
30
nA
ID(OFF)
Drain Current in “OFF” Condition
Switch “OFF,” VS=+10V,
TA=25˚C
0.1
5
0.1
10
nA
VD=−10V
3
100
3
30
nA
VINH
Logical “1” Input Voltage
2.0
2.0
V
VINL
Logical “0” Input Voltage
0.8
0.8
V
IINH
Logical “1” Input Current
VIN=5V
TA=25˚C
3.6
10
25
3.6
40
100
µA
IINL
Logical “0” Input Current
VIN=0.8
TA=25˚C
0.1
0.1
µA
11
µA
tON
Delay Time “ON”
VS=±10V, (Figure 3)TA=25˚C
500
500
ns
tOFF
Delay Time “OFF”
VS=±10V, (Figure 3)TA=25˚C
90
90
ns
tON−tOFF
Break-Before-Make
VS=±10V, (Figure 3)TA=25˚C
80
80
ns
CS(OFF)
Source Capacitance
Switch “OFF,” VS=±10V
TA=25˚C
4.0
4.0
pF
CD(OFF)
Drain Capacitance
Switch “OFF,” VD=±10V
TA=25˚C
3.0
3.0
pF
CS(ON) +
Active Source and Drain Capacitance
Switch “ON,” VS=VD=0V
TA=25˚C
5.0
5.0
pF
CD(ON)
ISO(OFF)
“OFF” Isolation
(
Figure 4), (Note 5)
TA=25˚C
−50
−50
dB
CT
Crosstalk
(
Figure 4), (Note 5)
TA=25˚C
−65
−65
dB
SR
Analog Slew Rate
(Note 6)
TA=25˚C
50
50
V/µs
IDIS
Disable Current
(
Figure 5), (Note 7)
TA=25˚C
0.4
1.0
0.6
1.5
mA
0.6
1.5
0.9
2.3
mA
IEE
Negative Supply Current
All Switches “OFF,” VS=±10V
TA=25˚C
3.0
5.0
4.3
7.0
mA
4.2
7.5
6.0
10.5
mA
IR
Reference Supply Current
All Switches “OFF,” VS=±10V
TA=25˚C
2.0
4.0
2.7
5.0
mA
2.8
6.0
3.8
7.5
mA
ICC
Positive Supply Current
All Switches “OFF,” VS=±10V
TA=25˚C
4.5
6.0
7.0
9.0
mA
6.3
9.0
9.8
13.5
mA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Refer to RETSF11201X, RETSF11331X, RETSF11332X and RETSF11333X for military specifications.
Note 3: For operating at high temperature the molded DIP products must be derated based on a +100˚C maximum junction temperature and a thermal resistance
of +150˚C/W, devices in the cavity DIP are based on a +150˚C maximum junction temperature and are derated at ±100˚C/W.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com