Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF11331
Description  Quad SPST JFET Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF11331 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF11331 Datasheet HTML 1Page - National Semiconductor (TI) LF11331 Datasheet HTML 2Page - National Semiconductor (TI) LF11331 Datasheet HTML 3Page - National Semiconductor (TI) LF11331 Datasheet HTML 4Page - National Semiconductor (TI) LF11331 Datasheet HTML 5Page - National Semiconductor (TI) LF11331 Datasheet HTML 6Page - National Semiconductor (TI) LF11331 Datasheet HTML 7Page - National Semiconductor (TI) LF11331 Datasheet HTML 8Page - National Semiconductor (TI) LF11331 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics (Note 4) (Continued)
Note 4: Unless otherwise specified, VCC=+15V, VEE=−15V, VR=0V, and limits apply for −55˚C≤TA≤+125˚C for the LF11331/2/3 and the LF11201/2,
−25˚C
≤TA≤+85˚C for the LF13331/2/3 and the LF13201/2.
Note 5: These parameters are limited by the pin to pin capacitance of the package.
Note 6: This is the analog signal slew rate above which the signal is distorted as a result of finite internal slew rates.
Note 7: All switches in the device are turned “OFF” by saturating a transistor at the disable node as shown in
Figure 5. The delay time will be approximately equal
to the tON or tOFF plus the delay introduced by the external transistor.
Note 8: This graph indicates the analog current at which 1% of the analog current is lost when the drain is positive with respect to the source.
Note 9:
θJA (Typical) Thermal Resistance
Molded DIP (N)
85˚C/W
Cavity DIP (D)
100˚C/W
Small Outline (M)
105˚C/W
Connection Diagrams (Top View for SO and Dual-In-Line Packages) (All Switches Shown are For Logical “0”)
LF11331/LF13331
DS005667-1
LF11332/LF13332
DS005667-13
LF11333/LF13333
DS005667-14
LF11201/LF13201
DS005667-15
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com