Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF11331 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF11331
Description  Quad SPST JFET Analog Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF11331 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LF11331 Datasheet HTML 4Page - National Semiconductor (TI) LF11331 Datasheet HTML 5Page - National Semiconductor (TI) LF11331 Datasheet HTML 6Page - National Semiconductor (TI) LF11331 Datasheet HTML 7Page - National Semiconductor (TI) LF11331 Datasheet HTML 8Page - National Semiconductor (TI) LF11331 Datasheet HTML 9Page - National Semiconductor (TI) LF11331 Datasheet HTML 10Page - National Semiconductor (TI) LF11331 Datasheet HTML 11Page - National Semiconductor (TI) LF11331 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics (Continued)
Application Hints
GENERAL INFORMATION
These devices are monolithic quad JFET analog switches
with “ON” resistances which are essentially independent of
analog voltage or analog current. The leakage currents are
typically less than 1 nA at 25˚C in both the “OFF”and “ON”
switch states and introduce negligible errors in most applica-
tions. Each switch is controlled by minimum TTL logic levels
at its input and is designed to turn “OFF” faster than it will
turn “ON.” This prevents two analog sources from being tran-
siently connected together during switching. The switches
were
designed
for
applications
which
require
break-before-make action, no analog current loss, medium
speed switching times and moderate analog currents.
Because these analog switches are JFET rather than
CMOS, they do not require special handling.
LOGIC INPUTS
The logic input (IN), of each switch, is referenced to two for-
ward diode drops (1.4V at 25˚C) from the reference supply
(V
R) which makes it compatible with DTL, RTL, and TTL
logic families. For normal operation, the logic “0” voltage can
range from 0.8V to −4.0V with respect to V
R and the logic “1”
voltage can range from 2.0V to 6.0V with respect to V
R, pro-
vided V
IN is not greater than (VCC−2.5V). If the input voltage
is greater than (V
CC−2.5V), the input current will increase. If
the input voltage exceeds 6.0V or −4.0V with respect to V
R,
a resistor in series with the input should be used to limit the
input current to less than 100µA.
ANALOG VOLTAGE AND CURRENT
Analog Voltage
Each switch has a constant “ON” resistance (R
ON) for analog
voltages from (V
EE+5V) to (VCC−5V). For analog voltages
greater than (V
CC−5V), the switch will remain ON indepen-
dent of the logic input voltage. For analog voltages less than
(V
EE+5V), the ON resistance of the switch will increase. Al-
though the switch will not operate normally when the analog
voltage is out of the previously mentioned range, the source
voltage can go to either (V
EE+36V) or (VCC+6V), whichever
is more positive, and can go as negative as V
EE without de-
struction. The drain (D) voltage can also go to either
(V
EE+36V) or (VCC+6V), whichever is more positive, and can
go as negative as (V
CC−36V) without destruction.
Analog Current
With the source (S) positive with respect to the drain (D), the
R
ON is constant for low analog currents, but will increase at
higher currents (>5 mA) when the FET enters the saturation
region. However, if the drain is positive with respect to the
source and a small analog current loss at high analog cur-
rents (Note 6) is tolerable, a low R
ON can be maintained for
analog currents greater than 5 mA at 25˚C.
Slew Rate of Analog
Voltage Above Which
Signal Loading Occurs
DS005667-35
Small Signal Response
DS005667-36
Maximum Accurate
Analog Current
vs Temperature
DS005667-37
Logical “1” Input Bias
Current
DS005667-38
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com