Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS26 Datasheet (PDF) - Advanced Monolithic Systems

AMS26 Datasheet PDF - Advanced Monolithic Systems
Part # AMS26
Download  AMS26 Download
File Size   35.92 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description VOLTAGE DETECTOR

AMS26 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS26 Datasheet PDF - Advanced Monolithic Systems

Part # AMS26
Download  AMS26 Click to download

File Size   35.92 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description VOLTAGE DETECTOR

AMS26 Datasheet (HTML) - Advanced Monolithic Systems


AMS26 Product details

GENERAL DESCRIPTION
The AMS26 series are voltage detector ICs featuring a high accuracy detector threshold of ±2.0% and ultra-low supply current. Internal circuit contains a precision voltage reference, a comparator, resistor network, and an output driver. The AMS26 has an NPN open collector output. The detector threshold is set from 1.45V to 4.6V in 0.05V increments and 4.6V to 7.9 in 0.1V increments. Also available from 7.9V to 12V in 170mV increments, thus making it easy to use in a variety of supervisory applications including microprocessor reset circuits, memory battery back-up circuit, battery checker, power failure detector and portable and battery powered electronics.
AMS26 is available in TO-92 and the sub-miniature 3-pin SOT-23 surface mount package.

FEATURES
• Very Low Supply Current
• Wide Operating Voltage Range
• 2% Precision Voltage Detection
• V-detect 1.45V to 4.6V in 0.05V increments
• V-detect 4.6V to 7.95V in 0.1V increments
• 2.5% Typical Hysteresis

APPLICATIONS
• CPU and Logic Circuit Reset
• Portable and Battery Powered Equipment
• Memory Battery Back-Up Circuit
• Window Comparator
• Cellular Phones
• Pagers




Similar Part No. - AMS26

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS26 ADMOS-AMS26 Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
PNP SILICON HIGH FREQUENCY TRANSISTOR
AMS26M-XA ADMOS-AMS26M-XA Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26N-XA ADMOS-AMS26N-XA Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26 ADMOS-AMS26_07 Datasheet
168Kb / 4P
VOLTAGE DETECTOR
More results


Similar Description - AMS26

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com