Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS26 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS26
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS26 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS26 Datasheet HTML 1Page - Advanced Monolithic Systems AMS26 Datasheet HTML 2Page - Advanced Monolithic Systems AMS26 Datasheet HTML 3Page - Advanced Monolithic Systems AMS26 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS26
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage
16V
Power Dissipation : TO-92 package
300mW
Output Voltage
VSS - 0.3V toVDD+0.3V
SOT-23 package
150mW
Output Current
70mA
Storage Temperature
-40
°C to +125°C
Operating Temperature Range
-30
°C to +80°C
Lead Temperature (Soldering 10 sec)
230
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA=25°C, unless otherwise noted.
PARAMETER
CONDITIONS
(Note 2)
Min.
AMS26-X
Typ.
Max.
Units
Detector Threshold (VDET)
-2.0
+2.0
%
Detector Threshold Hysteresis
(VDET) * 3%
(VDET) * 7%
V
Supply Current
VIN = 2.0V
1.0
3.0
µA
VIN = 3.0V
1.3
3.4
VIN = 4.0V
1.6
3.8
VIN = 5.0V
2.0
4.2
Operating Voltage
1.50
10.00
V
Output Current
VIN = 2.0V
1.5
7.7
mA
VIN = 3.0V
3.0
10.1
VIN = 4.0V
4.0
11.5
VIN = 5.0V
5.0
13.0
Output Delay Time
100
µs
Detector Threshold Temperature
Coefficient
-30
°C≤T
A
≤+80°C
± 100
ppm/
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see
the Electrical Characteristics tables.
BLOCK DIAGRAM
V
REF
3
+
-
V
DD
OUT
GND
1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com