Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2227-30 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2227-30 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2227-30
Download  PE2227-30 Download
File Size   258.64 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description HIGH POWER DIRECTIONAL COIPLER FREQUENCY RANGE:2-4 GHz

PE2227-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2227-30 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2227-30
Download  PE2227-30 Click to download

File Size   258.64 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description HIGH POWER DIRECTIONAL COIPLER FREQUENCY RANGE:2-4 GHz

PE2227-30 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2227-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2220 ETC1-PE2220 Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
logo
Pasternack Enterprises,...
PE2220-10 PASTERNACK-PE2220-10 Datasheet
214Kb / 3P
Dual Directional 10 dB SMA Coupler From 2.6 GHz to 5.2 GHz Rated To 10 Watts
PE2220-20 PASTERNACK-PE2220-20 Datasheet
213Kb / 3P
Dual Directional 20 dB SMA Coupler From 2.6 GHz to 5.2 GHz Rated To 50 Watts
PE2220-30 PASTERNACK-PE2220-30 Datasheet
214Kb / 3P
Dual Directional 30 dB SMA Coupler From 2.6 GHz to 5.2 GHz Rated To 50 Watts
logo
List of Unclassifed Man...
PE2220B ETC1-PE2220B Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
More results


Similar Description - PE2227-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2226-30 PASTERNACK-PE2226-30 Datasheet
259Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2228-30 PASTERNACK-PE2228-30 Datasheet
258Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 1-4 GHz
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
PE2230-30 PASTERNACK-PE2230-30 Datasheet
260Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 4~8 GHz
PE2232-30 PASTERNACK-PE2232-30 Datasheet
260Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE:2-8GHz
PE2233-30 PASTERNACK-PE2233-30 Datasheet
258Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 7-11 GHz
PE2239-30 PASTERNACK-PE2239-30 Datasheet
109Kb / 1P
HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 1-8 GHz
PE2200-10 PASTERNACK-PE2200-10 Datasheet
267Kb / 1P
SMA FEMALE DIRECTIONAL COIPLER FREQUENCY RANGE: 0.5-1.0 GHz
PE2202-20 PASTERNACK-PE2202-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2-4 GHz
PE2216-6 PASTERNACK-PE2216-6 Datasheet
273Kb / 1P
SMA FEMALE DIRECTIONAL COIPLER BROADBAND FREQUENCY RANGE:4.0-18.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com