Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2206-10 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE2206-10 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE2206-10
Download  PE2206-10 Download
File Size   263.27 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 7.5-16.0 GHz

PE2206-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2206-10 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE2206-10
Download  PE2206-10 Click to download

File Size   263.27 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 7.5-16.0 GHz

PE2206-10 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE2206-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2206-20 PASTERNACK-PE2206-20 Datasheet
114Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:7.5-16.0 GHz
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
More results


Similar Description - PE2206-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2200-20 PASTERNACK-PE2200-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:0.5-1.0 GHz
PE2201-10 PASTERNACK-PE2201-10 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2201-20 PASTERNACK-PE2201-20 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2201-30 PASTERNACK-PE2201-30 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2202-20 PASTERNACK-PE2202-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2-4 GHz
PE2203-20 PASTERNACK-PE2203-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2,6-5.2 GHz
PE2204-20 PASTERNACK-PE2204-20 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4-8 GHz
PE2204-30 PASTERNACK-PE2204-30 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 4-8 GHz
PE2205-30 PASTERNACK-PE2205-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:7-12.4 GHz
PE2206-20 PASTERNACK-PE2206-20 Datasheet
114Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:7.5-16.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com