Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-02H Datasheet (PDF) - Advanced Monolithic Systems

AMSREF-02H Datasheet PDF - Advanced Monolithic Systems
Part # AMSREF-02H
Download  AMSREF-02H Download
File Size   55.47 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 5V PRECISION VOLTAGE REFERENCE

AMSREF-02H Datasheet (PDF)

Go To PDF Page Download Datasheet
AMSREF-02H Datasheet PDF - Advanced Monolithic Systems

Part # AMSREF-02H
Download  AMSREF-02H Click to download

File Size   55.47 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 5V PRECISION VOLTAGE REFERENCE

AMSREF-02H Datasheet (HTML) - Advanced Monolithic Systems


AMSREF-02H Product details

GENERAL DESCRIPTION
The AMSREF-02 is a precision voltage reference, which provides a stable +5V, which can be adjusted over a ± 6% range with minimal effect on temperature stability. Careful design of this device improved its bandgap and as a result excellent temperature stability is achieved. The operating supply range is 7V to 40V with a typical current drain of 650mA.
Low cost, low noise and low power makes the AMSREF-02 an excellent choice whenever a stable voltage reference is required. Applications include D/A and A/D converters, portable instrumentation and digital voltmeters. The versatility of AMSREF-02 is enhanced by its use as a monolithic temperature transducer.
The AMSREF-02 is operational in the full industrial temperature range of -40°C to 85°C and is available in the 8 lead SOIC and plastic dip (PDIP) packages.

FEATURES
• 5 Volt Output …….……………………….. ± 0.3% Max
• Temperature Voltage Output ……………….. 2.1mV/°C
• Adjustment Range …………………………… ± 3% Min
• Excellent Temperature Stability…………… 8.5ppm/°C
• Low Noise ………………………………….. 15mVP-P Max
• Low Supply Current ………………………. 650mA Typ
• Wide Input Voltage Range …………………. 7V to 40V
• High Load-Driving Capability
• No External Components
• Short -Circuit Proof

APPLICATIONS
• A/D, D/A Converters
• Portable Instrumentation
• Digital Voltmeters
• Current Sources




Similar Part No. - AMSREF-02H

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01C ADMOS-AMSREF-01C Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01CP ADMOS-AMSREF-01CP Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01CS ADMOS-AMSREF-01CS Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
AMSREF-01E ADMOS-AMSREF-01E Datasheet
47Kb / 5P
10V PRECISION VOLTAGE REFERENCE
More results


Similar Description - AMSREF-02H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com