Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMSREF-02H Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMSREF-02H
Description  5V PRECISION VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSREF-02H Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMSREF-02H Datasheet HTML 1Page - Advanced Monolithic Systems AMSREF-02H Datasheet HTML 2Page - Advanced Monolithic Systems AMSREF-02H Datasheet HTML 3Page - Advanced Monolithic Systems AMSREF-02H Datasheet HTML 4Page - Advanced Monolithic Systems AMSREF-02H Datasheet HTML 5Page - Advanced Monolithic Systems AMSREF-02H Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMSREF-02
TYPICAL APPLICATIONS (Continued)
Precision Temperature Transducer with Remote Sensor
RESISTOR VALUES
TCVOUT SLOPE(S)
10mV/
°C
100mV/
°C
TEMPERATURE RANGE
-40
°C to +85°C
-40
°C to +85°C
OUTPUT VOLTAGE RANGE
-0.40V to +0.85V
-0.40V to +0.85V
ZERO SCALE
0V @ 0
°C
0V @ 0
°C
RA (
± 1% resistor)
9.09k
Ω
15k
Ω
RB1(
± 1% resistor)
1.5k
Ω
1.82k
Ω
RBP (Potentiometer)
200k
Ω
500k
Ω
RC (
± 1% resistor)
5.11k
Ω
84.5k
Ω
GND
TRIM
R
P
50k
Ω
V
IN
V
O
2
6
5
4
REF-02
+15V
-15V
R
C
RS
1.5k, ±5%
V
OUT
6
0.1
µF
OP-02
-
+
3
TEMP
4
7
3
2
V
REF
R
A
R
B1
R
BP
*
* UP TO 10 " OF SHIELDED
4-CONDUCTOR CABLE
Typical Temperature Voltage Output vs
Temperature
TEMPERATURE (° C)
-60 -40
20
60
100
430
730
830
880
780
680
630
580
530
-20 0
40
80
120 140
480



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com