Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9356 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9356 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9356
Download  PE9356 Download
File Size   251.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision SSMA Female to 7mm Sexless Adapter

PE9356 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9356 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9356
Download  PE9356 Click to download

File Size   251.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision SSMA Female to 7mm Sexless Adapter

PE9356 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9356 Product details

Configuration
   Connector 1         SSMA Female
   Impedance 1        50 Ohms
   Connector 2         7mm Sexless
   Impedance 2        50 Ohms
   Adapter Design    Precision
   Body Style           Straight




Similar Part No. - PE9356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
50 Ohm N Female to 75 Ohm N Male Adapter
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
SSMA Male to N Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
More results


Similar Description - PE9356

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
Precision 7mm Sexless to BNC Male Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
Precision 3.5mm Male to 7mm Sexless Adapter
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
SSMA MALE TO 7mm, PRECISION ADAPTER
PE9510 PASTERNACK-PE9510 Datasheet
245Kb / 2P
Precision 7/16 DIN Female to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com