Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9350 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9350 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9350
Download  PE9350 Download
File Size   254.16 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm N Female to 75 Ohm N Male Adapter

PE9350 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9350 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9350
Download  PE9350 Click to download

File Size   254.16 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm N Female to 75 Ohm N Male Adapter

PE9350 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9350 Product details

Description
Pasternack’s PE9350 50 ohm type N female to 75 ohm type N male adapter is part of our full line of RF components available for same-day shipping. PE9350 type N female to type N male adapter operates to 500 MHz.

Configuration
• N Female Connector 1
• N Male Connector 2
• 50 Ohms, 75 Ohms
• Straight Body Geometry

Features
• Typical VSWR of 1.4:1 up to 500 MHz
• N Interface compliant with MIL-C-39012
• Gold Plated Brass Contact
• 3 µ-in min Gold Contact Plating

Applications
• General Purpose Test




Similar Part No. - PE9350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
SSMA Male to N Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
SSMA Female to N Female Adapter
More results


Similar Description - PE9350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
75 Ohm N Male to BNC Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
75 Ohm N Female to F Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
75 Ohm N Female to N Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com