Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9397 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9397 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9397
Download  PE9397 Download
File Size   249.15 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Female to F Male Adapter

PE9397 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9397 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9397
Download  PE9397 Click to download

File Size   249.15 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Female to F Male Adapter

PE9397 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9397 Product details

Description
Pasternack’s PE9397 75 ohm type N female to type F male adapter is part of our full line of RF components available for same-day shipping. Our type N to type F adapter has a female to male gender configuration. PE9397 type N female to type F male adapter operates to 3 GHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum. Pasternack’s PE9397 75 ohm type N female to type F male adapter is part of our full line of RF components available for same-day shipping. PE9397 type N female to type F male adapter operates to 3 GHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum.

Configuration
• N Female Connector 1
• F Male Connector 2
• 75 Ohm
• Straight Body Geometry

Features
• Max VSWR of 1.3:1 up to 3 GHz
• 30 µin minimum contact plating
• Gold Plated Brass Contact
• Max VSWR of 1.3:1 up to 3 GHz
• Gold Plated Brass Contact
• 30 µin min Gold Contact Plating

Applications
• Allows Connection Between Series
• General Purpose Test
• Allows Connection Between Series
• General Purpose Test




Similar Part No. - PE9397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9390 PASTERNACK-PE9390 Datasheet
252Kb / 3P
N Tee Adapter Male-Male-Male
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
75 Ohm N Male to N Female Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
More results


Similar Description - PE9397

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9737 PASTERNACK-PE9737 Datasheet
245Kb / 2P
Precision 75 Ohm N Male to F Female Adapter
PE9739 PASTERNACK-PE9739 Datasheet
246Kb / 3P
Precision 75 Ohm N Female to F Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com