Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-64F2 Datasheet (PDF) - Kyocera Kinseki Corpotation

FXO-64F2 Datasheet PDF - Kyocera Kinseki Corpotation
Part # FXO-64F2
Download  FXO-64F2 Download
File Size   128.06 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm

FXO-64F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXO-64F2 Datasheet PDF - Kyocera Kinseki Corpotation

Part # FXO-64F2
Download  FXO-64F2 Click to download

File Size   128.06 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm

FXO-64F2 Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - FXO-64F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FH KSS-FXO-61FH Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FL KSS-FXO-61FL Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61FT KSS-FXO-61FT Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
FXO-62F KSS-FXO-62F Datasheet
140Kb / 1P
Miniature Clock Crystal Oscillator
More results


Similar Description - FXO-64F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032E-C3 KSS-KC5032E-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0횞3.2mm
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
CMOS/ 5.0V/ 5.0횞3.2mm
KC5032P-L3 KSS-KC5032P-L3 Datasheet
165Kb / 1P
LVDS/ 3.3V/ 5.0횞3.2mm
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
LV-PECL/ 3.3V/ 5.0횞3.2mm
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com