Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9506 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9506 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9506
Download  PE9506 Download
File Size   246.59 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.

PE9506 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9506 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9506
Download  PE9506 Click to download

File Size   246.59 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.

PE9506 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9502 PASTERNACK-PE9502 Datasheet
251Kb / 3P
Precision 2.4mm Female to N Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
Precision 2.4mm Female to N Male Adapter
More results


Similar Description - PE9506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9507 PASTERNACK-PE9507 Datasheet
241Kb / 2P
Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PE9512 PASTERNACK-PE9512 Datasheet
257Kb / 3P
Precision SMA Female to SMP Male Adapter 18 Ghz.
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE91008 PASTERNACK-PE91008 Datasheet
247Kb / 3P
Precision SMA Male to 2.92mm Female Adapter
PE91222 PASTERNACK-PE91222 Datasheet
342Kb / 3P
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com