Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9506 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9506
Description  Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9506 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9506 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9506 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9506 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
Configuration
Connector 1
SMA Male
Connector 2
SMA Female
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
0.72 [18.29]
Width/Dia., in [mm]
0.312 [7.92]
.
Dielectric Type
PTFE
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Stainless Steel, Passivated
Coupling Nut Plating Specification
ASTM A380
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision SMA Male to SMA Female
Adapter Max. Freq. 26.5 GHZ.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ. PE9506
PE9506
PE9506 REV


Similar Part No. - PE9506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9502 PASTERNACK-PE9502 Datasheet
251Kb / 3P
Precision 2.4mm Female to N Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
Precision 2.4mm Female to N Male Adapter
More results

Similar Description - PE9506

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9507 PASTERNACK-PE9507 Datasheet
241Kb / 2P
Precision SMA Female to SMA Female Adapter 26.5 Ghz.
PE9512 PASTERNACK-PE9512 Datasheet
257Kb / 3P
Precision SMA Female to SMP Male Adapter 18 Ghz.
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE91008 PASTERNACK-PE91008 Datasheet
247Kb / 3P
Precision SMA Male to 2.92mm Female Adapter
PE91222 PASTERNACK-PE91222 Datasheet
342Kb / 3P
Precision SMA Male to SMA Female Swept Right Angle Adapter Functional Up to 26.5 GHz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com