Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8216 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8216 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8216
Download  PE8216 Download
File Size   193.61 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz

PE8216 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8216 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8216
Download  PE8216 Click to download

File Size   193.61 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz

PE8216 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8216 Product details

Description
Pasternack’s PE8216 is an inner DC block with BNC connectors. It has a blocking capacitor on the inner conductor and operates from 10 MHz to 4 GHz. Our BNC DC block offers good insertion loss of 0.5 dB and has a maximum operating voltage of 200 Vdc. DC blocks are commonly used to filter out unwanted DC signals, while allowing AC drive signals to pass through. They can help improve signal to noise ratio (SNR), eliminate ground loops, or provide isolation in your test setup. All of Pasternack’s DC blocks are in stock and available to ship same-day.

Features
• Inner DC Block
• Operates from 10 MHz to 4 GHz
• Good Insertion Loss of 0.5 dB Max

Applications
• Test & Measurement
• Ground Loop Elimination
• Signal to Noise Ratio (SNR) Improvement




Similar Part No. - PE8216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
More results


Similar Description - PE8216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7006 PASTERNACK-PE7006 Datasheet
206Kb / 3P
50 Ohm BNC Male To 75 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE7007 PASTERNACK-PE7007 Datasheet
210Kb / 3P
75 Ohm BNC Male To 50 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com