Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8222 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8222 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8222
Download  PE8222 Download
File Size   181.35 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz

PE8222 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8222 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8222
Download  PE8222 Click to download

File Size   181.35 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz

PE8222 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8222 Product details

Configuration
   Design                  Inner DC Block
   Body Style            Straight
   Impedance           50 Ohms
   Connector            1 2.92mm Male
   Connector            2 2.92mm Female




Similar Part No. - PE8222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8221 PASTERNACK-PE8221 Datasheet
212Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results


Similar Description - PE8222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8226 PASTERNACK-PE8226 Datasheet
229Kb / 3P
DC Block on Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com