Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8221 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8221 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8221
Download  PE8221 Download
File Size   212.98 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz

PE8221 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8221 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8221
Download  PE8221 Click to download

File Size   212.98 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz

PE8221 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8221 Product details

Description
Pasternack’s PE8221 is an inner and outer DC block with TNC connectors. It has a blocking capacitor on the inner and outer conductor and operates from 10 MHz to 18 GHz. Our TNC DC block offers good insertion loss of 0.75 dB and has a maximum operating voltage of 200 Vdc. DC blocks are commonly used to filter out unwanted DC signals, while allowing AC drive signals to pass through. They can help improve signal to noise ratio (SNR), eliminate ground loops, or provide isolation in your test setup. All of Pasternack’s DC blocks are in stock and available to ship same-day.

Features
• Inner/Outer DC Block
• Operates from 10 MHz to 18 GHz
• Good Insertion Loss of 0.75 dB Max

Applications
• Test & Measurement
• Ground Loop Elimination
• Signal to Noise Ratio (SNR) Improvement




Similar Part No. - PE8221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results


Similar Description - PE8221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8251 PASTERNACK-PE8251 Datasheet
218Kb / 3P
50 Ohm N High Voltage DC Block Operating From 10 MHz to 18 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com