Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63SA Datasheet (PDF) - Minilogic Device Corporation Limited

ML63SA Datasheet PDF - Minilogic Device Corporation Limited
Part # ML63SA
Download  ML63SA Download
File Size   729.73 Kbytes
Page   11 Pages
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited
Description DC-DC Converter Small number of external components: inductor, diode and capacitor

ML63SA Datasheet (PDF)

Go To PDF Page Download Datasheet
ML63SA Datasheet PDF - Minilogic Device Corporation Limited

Part # ML63SA
Download  ML63SA Click to download

File Size   729.73 Kbytes
Page   11 Pages
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited
Description DC-DC Converter Small number of external components: inductor, diode and capacitor

ML63SA Datasheet (HTML) - Minilogic Device Corporation Limited


ML63SA Product details

General Description
The ML63S is a group of PFM Step-up DC/DC converter IC with low supply current by CMOS process.
It consists of an oscillator, a PFM control circuit, a Lx switch driver transistor, a reference voltage unit, an error amplifier for voltage detection and a Lx switch protection circuit. It is suitable for use with battery-powered instruments with low noise and low supply current.

Features
● Small number of external components: inductor, diode and
   capacitor.
● Ultra low input current : Typical 7uA
● Output Voltage Accuracy : +/-2.5 %
● Low ripple and noise
● Low startup voltage : Max 0.9V (with 1mA input)
● High Efficiency: Typical 85%
● Package Available:
   SOT-89 (500mW), SOT-23 (150mW)& TO-92
   (300mW)

Application
◆ Power Source of Portable Products
◆ Palmtops
◆ Portable Cameras and Video Recorders
◆ Wireless mouse and keyboard




Similar Part No. - ML63SA

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML63 MINILOGIC-ML63 Datasheet
182Kb / 5P
DC-DC Converter
logo
Coilcraft lnc.
ML630PTA102MLZ COILCRAFT-ML630PTA102MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA122MLZ COILCRAFT-ML630PTA122MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA202MLZ COILCRAFT-ML630PTA202MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA301MLZ COILCRAFT-ML630PTA301MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
More results


Similar Description - ML63SA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Burr-Brown (TI)
PWS745 BURR-BROWN-PWS745 Datasheet
83Kb / 10P
Multi-Channel Isolated DC/DC CONVERTER COMPONENTS
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Enpirion, Inc.
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Rohm
BD6072HFN-TR ROHM-BD6072HFN-TR Datasheet
545Kb / 17P
Boost DC/DC converter, Adjustment of brightness by external PWM pulse
logo
Power Mate Technology C...
DOH16-12T P-DUKE-DOH16-12T_14 Datasheet
775Kb / 3P
POINT OF LOAD DC-DC CONVERTER
logo
TOKO, Inc
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
Ideal for a variety of DC-DC converter Inductor application
DEM3518C TOKO-DEM3518C Datasheet
250Kb / 1P
Ideal for a variety of DC-DC converter inductor applications
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506 Datasheet
825Kb / 19P
Reduce Number of DC-DC Regulators to Stock
Rev 1; 5/15
MAX17620 MAXIM-MAX17620 Datasheet
897Kb / 15P
Reduces Number of DC-DC Regulators to Stock
Rev 3; 7/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com