Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ5282 Datasheet (PDF) - Micrel Semiconductor

MAQ5282 Datasheet PDF - Micrel Semiconductor
Part # MAQ5282
Download  MAQ5282 Download
File Size   690.64 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5282 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAQ5282 Datasheet PDF - Micrel Semiconductor

Part # MAQ5282
Download  MAQ5282 Click to download

File Size   690.64 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5282 Datasheet (HTML) - Micrel Semiconductor


MAQ5282 Product details

General Description
The MAQ5282 high-performance linear regulator offers a very-wide input operating voltage range, up to 120V DC, and supplies an output current of up to 50mA.

Features
• AEC-Q100 qualified
• Wide input voltage range: 6V to 120V DC
• Ultra-low quiescent current: 6µA (typ)
• 50mA guaranteed output current
• Adjustable output from 1.27V to 5.5V
• Withstands up to +120V DC at the input
• Stable with ceramic capacitors
• Ultra-high PSRR (80dB at 10kHz)
• Ultra-high line transient rejection (load dump)
• High output accuracy: – ±3% initial accuracy
• Thermal-shutdown and current-limit protection
• Thermally-efficient, 8-pin ePad MSOP package

Applications
• Automotive
• Remote keyless entry power supply
• Telecom applications




Similar Part No. - MAQ5282

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5282 MICREL-MAQ5282 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282-3.3YMME MICREL-MAQ5282-3.3YMME Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282-5.0YMME MICREL-MAQ5282-5.0YMME Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282YMME MICREL-MAQ5282YMME Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Similar Description - MAQ5282

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com