Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ5281 Datasheet (PDF) - Micrel Semiconductor

MAQ5281 Datasheet PDF - Micrel Semiconductor
Part # MAQ5281
Download  MAQ5281 Download
File Size   687.06 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5281 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAQ5281 Datasheet PDF - Micrel Semiconductor

Part # MAQ5281
Download  MAQ5281 Click to download

File Size   687.06 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator

MAQ5281 Datasheet (HTML) - Micrel Semiconductor


MAQ5281 Product details

General Description
The MAQ5281 high-performance linear regulator offers a very-wide input operating voltage range, up to 120V DC, and supplies an output current of up to 25mA.
Ideal for high input voltage applications such as automotive, industrial and telecom, the MAQ5281 offers ±3% initial accuracy, extremely high-power supply rejection ratio (>90db) and ultra-low quiescent current of 6µA. The MAQ5281 is optimized for high-voltage line transients, making it ideal for harsh environment applications.

Features
• AEC-Q100 qualified
• Wide input voltage range: 6V to 120V DC
• Ultra-low quiescent current: 6µA (typ)
• 25mA guaranteed output current
• Adjustable output from 1.27V to 5.5V
• Withstands up to +120V DC at the input
• Stable with ceramic capacitors
• Ultra-high PSRR >90dB
• Ultra-high line transient rejection (load dump)
• High output accuracy: – ±3% initial accuracy
• Thermal-shutdown and current-limit protection
• Thermally-efficient, 8-pin ePad MSOP package

Applications
• Automotive
• Remote keyless entry power supply
• Telecom applications




Similar Part No. - MAQ5281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-3.3YMME MICREL-MAQ5281-3.3YMME Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281-5.0YMME MICREL-MAQ5281-5.0YMME Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281YMME MICREL-MAQ5281YMME Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Similar Description - MAQ5281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com