Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5280 Datasheet (PDF) - Micrel Semiconductor

MIC5280 Datasheet PDF - Micrel Semiconductor
Part # MIC5280
Download  MIC5280 Download
File Size   259.83 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 25mA, 120V, Low IQ, High PSRR LDO

MIC5280 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5280 Datasheet PDF - Micrel Semiconductor

Part # MIC5280
Download  MIC5280 Click to download

File Size   259.83 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 25mA, 120V, Low IQ, High PSRR LDO

MIC5280 Datasheet (HTML) - Micrel Semiconductor


MIC5280 Product details

General Description
The MIC5280 is a high performance low dropout regulator, offering a very low noise output with a very wide input voltage operating range, up to 120V DC input voltage.

Features
• Wide input voltage range: 4.5V to 120V DC
• Very low quiescent current: 31µA typical
• 25mA guaranteed output current
• Adjustable output from 1.215V to 5V
• DC voltage protection down to -24V
• Ability to withstand up to +120V DC at the input
• Stable with ceramic output capacitors
• Ultra High PSRR > 80dB for RF applications
• High output accuracy
    – ± 2% initial accuracy
    – ± 3% over temperature (–40°C to +125°C)
• Thermal shutdown and current limit protection
• Thermally efficient 8-pin EPAD SOIC package

Applications
• Industrial applications
• Remote keyless entry power supply
• Telecom applications
• Off-line power supplies
_______________________________________




Similar Part No. - MIC5280

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5281 MICREL-MIC5281 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-3.3YMM MICREL-MIC5281-3.3YMM Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-3.3YMME MICREL-MIC5281-3.3YMME Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-5.0YMM MICREL-MIC5281-5.0YMM Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-5.0YMME MICREL-MIC5281-5.0YMME Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Similar Description - MIC5280

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
Low Noise LDO with Low IQ, High PSRR
logo
Micrel Semiconductor
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
Low Noise LDO with Low IQ, High PSRR
June 27, 2014
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com