Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5019YFT Datasheet (PDF) - Micrel Semiconductor

MIC5019YFT Datasheet PDF - Micrel Semiconductor
Part # MIC5019YFT
Download  MIC5019YFT Download
File Size   386.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump

MIC5019YFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5019YFT Datasheet PDF - Micrel Semiconductor

Part # MIC5019YFT
Download  MIC5019YFT Click to download

File Size   386.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump

MIC5019YFT Datasheet (HTML) - Micrel Semiconductor


MIC5019YFT Product details

General Description
The MIC5019 is a high-side MOSFET driver with integrated charge pump designed to switch an N-Channel enhancement type MOSFET control signal in high-side or low–side applications.

Features
• 4-pin 1.2mm x 1.2mm Thin QFN Package
• +2.7V to +9V supply voltage range
• 16V gate drive at VDD = 9V
• 8V gate drive at VDD = 2.7V
• Operates in low and high side configurations
• 150µA (typical) supply current at VDD = 5V
• <1µA shutdown supply current
• –40˚C to +125˚C Junction Temperature Range

Applications
• Load Switch
• Solenoid Drivers
• Motor Drivers




Similar Part No. - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019YFT MICREL-MIC5019YFT Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
More results


Similar Description - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Micrel Semiconductor
MIC5060 MICREL-MIC5060_10 Datasheet
512Kb / 12P
Ultra Small High-Side MOSFET Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
logo
Micrel Semiconductor
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
logo
Microchip Technology
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
Ultra-Small High-Side MOSFET Driver
09/14/21
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com