Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5019YFT Datasheet (PDF) - Micrel Semiconductor

MIC5019YFT Datasheet PDF - Micrel Semiconductor
Part # MIC5019YFT
Download  MIC5019YFT Download
File Size   271.45 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump

MIC5019YFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5019YFT Datasheet PDF - Micrel Semiconductor

Part # MIC5019YFT
Download  MIC5019YFT Click to download

File Size   271.45 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump

MIC5019YFT Datasheet (HTML) - Micrel Semiconductor


MIC5019YFT Product details

General Description
The MIC5019 is a high-side MOSFET driver with integrated charge pump designed to switch an N-channel enhancement type MOSFET in high-side or low–side applications.

The MIC5019 operates from a 2.7V to 9V supply. It generates gate voltages of 9.2V from a 3V supply and 16V from a 9V supply. The device consumes a low 77µA of supply current and less than 1µA of supply current in shutdown mode.
In high-side configurations, the source voltage of the MOSFET approaches the supply voltage when switched on. To keep the MOSFET on, the MIC5019’s output drives the MOSFET gate voltage higher than the supply voltage.




Similar Part No. - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019YFT MICREL-MIC5019YFT Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
More results


Similar Description - MIC5019YFT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Micrel Semiconductor
MIC5060 MICREL-MIC5060_10 Datasheet
512Kb / 12P
Ultra Small High-Side MOSFET Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
logo
Microchip Technology
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
Ultra-Small High-Side MOSFET Driver
09/14/21
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com