Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2974 Datasheet (PDF) - Linear Technology

LTC2974 Datasheet PDF - Linear Technology
Part # LTC2974
Download  LTC2974 Download
File Size   469.67 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array

LTC2974 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2974 Datasheet PDF - Linear Technology

Part # LTC2974
Download  LTC2974 Click to download

File Size   469.67 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array

LTC2974 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2974

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2974 LINER-LTC2974 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2974 LINER-LTC2974 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTC2974 LINEAR_DIMENSIONS-LTC2974 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTC2974 LINER-LTC2974 Datasheet
1Mb / 98P
4-Channel PMBus Power System Manager
LTC2974 LINER-LTC2974 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
More results


Similar Description - LTC2974

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com