Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9762 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9762 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9762
Download  PE9762 Download
File Size   256.13 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.85mm Male to SSMA Female Adapter

PE9762 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9762 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9762
Download  PE9762 Click to download

File Size   256.13 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.85mm Male to SSMA Female Adapter

PE9762 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE9762

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Pasternack Enterprises,...
PE9763 PASTERNACK-PE9763 Datasheet
77Kb / 1P
1.85mm MALE RO SSMA MALE
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results


Similar Description - PE9762

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
Precision SMA Male to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9764 PASTERNACK-PE9764 Datasheet
255Kb / 3P
Precision 1.85mm Female to SSMA Male Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE9766 PASTERNACK-PE9766 Datasheet
254Kb / 3P
Precision 2.92mm Male to SSMA Female Adapter
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
Precision 2.92mm Female to SSMA Male Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com